Electronic Components Datasheet Search
  English  ▼

X  

SCT Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # SCT
Description  Humidity and Temperature Wall Mount Transducers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SCT Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  SCT Datasheet HTML 1Page - Honeywell Solid State Electronics Center SCT Datasheet HTML 2Page - Honeywell Solid State Electronics Center SCT Datasheet HTML 3Page - Honeywell Solid State Electronics Center SCT Datasheet HTML 4Page - Honeywell Solid State Electronics Center SCT Datasheet HTML 5Page - Honeywell Solid State Electronics Center SCT Datasheet HTML 6Page - Honeywell Solid State Electronics Center SCT Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
sensing.honeywell.com
Humidity and Temperature Wall Mount Transducers
Humidity and Temperature Wall Mount Transducers, SCT Series
Product Nomenclature
009094-1-EN IL50
September 2015
Copyright © 2015 Honeywell International Inc. All Rights Reserved.
For example,
SCTHWA43SDS denes an SCT Series humidity and temperature transducer, wall mount, 4 mA to 20 mA output, 4 %RH humidity
accuracy, 0.3 °C temperature accuracy/output type, -5 °C to 55 °C temperature range, LCD display, silver cover trim.
W
Installation
Type
SCT Series
Humidity and
Temperature
Wall Mount
Transducers
Series
SCT
H
Model
Type
Output
Type
A
Cover
Trim Color
S
H Humidity and temp.
T Temperature
Wall mount
Humidity: 4 mA to 20 mA
Temperature: 4 mA to 20 mA
Humidity: 0 V to 10 V
Temperature: 0 V to 10 V
Humidity: 4 mA to 20 mA
Temperature: passive
Humidity: 0 V to 10 V
Temperature: passive
Temperature: 4 mA to 20 mA
Temperature: 0 V to 10 V
A
B
C
W
Humidity
Accuracy
4
4 4 %RH
0.3 °C
NTC 10 kOhm
NTC 20 kOhm
Pt1000 Class A
3
E
F
G
E
D
F
S -5 °C to 55 °C
[23 °F to 131 °F]
N None, temperature
passive
D LCD display
N No LCD display
S Silver
G Gold
S
LCD
Display
D
3
Temperature
Range
Temperature
Accuracy/Output
Type
N None, temperature
only
Table 5. Order Guide for 4% Humidity Accuracy
Catalog Listing
Description
SCTHWA43SDS
Humidity and temperature, wall mount, 4 mA to 20 mA, 4 %RH, 0.3 °C, -5 °C to 55 °C, LCD display, silver
SCTHWA43SNS
Humidity and temperature, wall mount, 4 mA to 20 mA, 4 %RH, 0.3 °C, -5 °C to 55 °C, no LCD display, silver
SCTHWB43SDS
Humidity and temperature, wall mount, 0 V to 10 V, 4 %RH, 0.3 °C, -5°C to 55°C, LCD display, silver
SCTHWB43SNS
Humidity and temperature, wall mount, 0 V to 10 V, 4 %RH, 0.3 °C, -5 °C to 55 °C, no LCD display, silver
SCTHWC4GNDS
Humidity and temperature, wall mount, 4 mA to 20 mA, 4 %RH, Pt1000 Class A, LCD display, silver
SCTHWC4GNNS
Humidity and temperature, wall mount, 4 mA to 20 mA, 4 %RH, Pt1000 Class A, no LCD display, silver
SCTHWC4FNNS
Humidity and temperature, wall mount, 4 mA to 20 mA, 4 %RH, NTC 20 kOhm, no LCD display, silver
SCTHWC4FNDS
Humidity and temperature, wall mount, 4 mA to 20 mA, 4 %RH, NTC 20 kOhm, LCD display, silver
SCTHWC4ENDS
Humidity and temperature, wall mount, 4 mA to 20 mA, 4 %RH, NTC 10 kOhm, LCD display, silver
SCTHWC4ENNS
Humidity and temperature, wall mount, 4 mA to 20 mA, 4 %RH, NTC 10 kOhm, no LCD display, silver
SCTHWD4GNDS
Humidity and temperature, wall mount, 0 V to 10 V, 4 %RH, Pt1000 Class A, LCD display, silver
SCTHWD4GNNS
Humidity and temperature, wall mount, 0 V to 10 V, 4 %RH, Pt1000 Class A, no LCD display, silver
SCTHWD4FNDS
Humidity and temperature, wall mount, 0 V to 10 V, 4 %RH, NTC 20 kOhm, LCD display, silver
SCTHWD4FNNS
Humidity and temperature, wall mount, 0 V to 10 V, 4 %RH, NTC 20 kOhm, no LCD display, silver
SCTHWD4ENDS
Humidity and temperature, wall mount, 0 V to 10 V, 4 %RH, NTC 10 kOhm, LCD display, silver
SCTHWD4ENNS
Humidity and temperature, wall mount, 0 V to 10 V, 4 %RH, NTC 10 kOhm, no LCD display, silver
Table 6. Order Guide for No Humidity (Temperature Only) Accuracy
Catalog Listing
Description
SCTTWEN3SDS
Temperature, 4 mA to 20 mA, 0.3 °C, -5 °C to 55 °C, LCD display, silver
SCTTWEN3SNS
Temperature, 4 mA to 20 mA, 0.3 °C, -5 °C to 55 °C, no LCD display, silver
SCTTWFN3SDS
Temperature, 0 V to 10 V, 0.3 °C, -5 °C to 55 °C, LCD display, silver
SCTTWFN3SNS
Temperature, 0 V to 10 V, 0.3 °C, -5 °C to 55 °C, no LCD display, silver
Figure 1. Nomenclature Tree1
1
Not all catalog listing combinations are available. Custom products are available.
Please contact Honeywell.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com