Electronic Components Datasheet Search
  English  ▼

X  

HFD4 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFD4
Description  SUBMINIATURE SIGNAL RELAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD4 Datasheet(HTML) 1 Page - Hongfa Technology

  HFD4 Datasheet HTML 1Page - Hongfa Technology HFD4 Datasheet HTML 2Page - Hongfa Technology HFD4 Datasheet HTML 3Page - Hongfa Technology HFD4 Datasheet HTML 4Page - Hongfa Technology HFD4 Datasheet HTML 5Page - Hongfa Technology HFD4 Datasheet HTML 6Page - Hongfa Technology HFD4 Datasheet HTML 7Page - Hongfa Technology HFD4 Datasheet HTML 8Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Single side stable
1 coil latching
50K max.(At 1A load, 85
environment)
Contact rating
(Res. load)
Between open contacts
Between contact sets
Dielectric
strength
Shock
resistance
HONGFA RELAY
Coil power
Temperature rise
67
ISO9001, IATF16949 , ISO14001, OHSAS18001, IECQ QC 080000,ISO/IEC 27001 CERTIFIED
2023 Rev. 1.01
Electrical endurance
3)
Functional
Destructive
Between coil & contacts
See "COIL DATA"
See "COIL DATA"
Features
File No.:R50333270
1A 30VDC at 85
0.3A 125VAC at 85
1A 30VDC at 85
1A 30VDC at 105
2A 30VDC at 40
0.5A 125VDC at 40
0.3A 125VAC at 85
0.5A 125VAC at 40
0.5A 125VAC at 85
RoHS compliant
100MHz
0.04dB(Typ.)
1.06(Typ.)
43dB(Typ.)
Frequency
Insertion loss
Voltage standing wave ratio V.SWR
Isolation
Surge
withstand
voltage
Between open contacts
(10/160µs)
Between coil & contacts
(2/10µs)
1000M (at 500VDC)
1600VAC 1min
1000VAC 1min
1800VAC 1min
3ms max.
3ms max.
-40
to 85
-40
to 105
2)
5% to 85% RH
10Hz to 55Hz 3.3mm DA
735m/s
2
980m/s
2
DIP, SMT
Approx. 0.8g
MSL 3
Plastic sealed
HFD4
2C
100m max. (at 10mA 30mVDC)
AgNi + Au plated
1A 30VDC
0.3A 125VAC
2A
250VAC / 220VDC
62.5VA / 60W
10mV 10µA
1 x 108OPS
Contact arrangement
Contact resistance
1)
Contact material
Max. switching current
Max. switching voltage
Max. switching power
Min. applicable load
2)
Mechanical endurance
Termination
Unit weight
Moisture sensitivity levels (Only for
SMT type, JEDEC-STD-020)
Construction
SUBMINIATURE SIGNAL RELAY
CONTACT DATA
CHARACTERISTICS
COIL
SAFETY APPROVAL RATINGS
UL/CUL
TUV
HIGH FREQUENCY1)
Insulation resistance
Operate time (Set time)
Release time (Reset time)
Ambient temperature
Humidity
Vibration resistance
1500VAC (FCC part 68)
2500VAC (Telecordia)
File No.:E133481
Notes: 1) The data shown above are initial values;
2) The 888 version is for applications at 105 .
● Subminiature signal relay of 4th generation
● Surge withstand voltage up to 2500V
● Meets EC62368-1
● High contact capacity 2A 30VDC
● Providing J-leg SMT version for intensive installation
● Single side stable and latching type available
● High temperature resistant products at 105
are available
● Products compliant with IEC60079 available
● Products compliant with IEC 60335-1 available
● Monostable sensitive type with 100mV coil power
is available
● Low halogen products conforming to IEC 61249-
2-21 are available
Notes: 1) All values unspecified are at room temperature.
2) Only typical loads are listed above. Other load specifications
can be available upon request.
1 x 105OPS (AgNi + Au plated,
0.3A 125VAC, Resistive load, at 85oC,
1s on 9s off)
Notes:1) The data shown above are initial values.
2) Min. applicable load is reference value. Please perform the
confirmation test with the actual load before production since
reference value may change according to switching frequencies,
environmental conditions and expected contact resistance and
reliability.
3) Electric endurance data are collected in the NO or NC contact test.
AgNi + Au plated
AgNi + Au plated
Notes:1) Applicable to 428 version. Please refer to the "ORDERING
INFORMATION" for more details.;
2) The characteristic impedance of the measuring system is 50Ω;
3) The data shown above are initial values;
4) If you need higher frequency band, please contact us.
File No.:CQC16002154335(Single side stable)
CQC16002154336(Latching)


Similar Part No. - HFD4

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD4 HONGFA-HFD4 Datasheet
198Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD4-I HONGFA-HFD4-I Datasheet
214Kb / 6P
SUBMINIATURE HIGH LOAD RELAY
HFD4-I/1.5-LS1R HONGFA-HFD4-I/1.5-LS1R Datasheet
214Kb / 6P
SUBMINIATURE HIGH LOAD RELAY
HFD4-I/1.5-LS3R HONGFA-HFD4-I/1.5-LS3R Datasheet
214Kb / 6P
SUBMINIATURE HIGH LOAD RELAY
More results

Similar Description - HFD4

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD41 HONGFA-HFD41 Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41HFD41A HONGFA-HFD41HFD41A Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
SUBMINIATURE SIGNAL RELAY
logo
Sanyou Corporation Limi...
DSY2Y SANYOU-DSY2Y Datasheet
59Kb / 3P
Subminiature Signal Relay
SYS SANYOU-SYS Datasheet
183Kb / 3P
Subminiature Signal Relay
SYS1K SANYOU-SYS1K Datasheet
167Kb / 3P
Subminiature Signal Relay
logo
Hongfa Technology
HFD17 HONGFA-HFD17 Datasheet
609Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD42 HONGFA-HFD42 Datasheet
865Kb / 5P
SUBMINIATURE SIGNAL RELAY
logo
List of Unclassifed Man...
HK4100F ETC-HK4100F Datasheet
416Kb / 3P
SUBMINIATURE SIGNAL RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com