Electronic Components Datasheet Search
  English  ▼

X  

HFD4 Datasheet(PDF) 3 Page - Hongfa Technology

Part # HFD4
Description  SUBMINIATURE SIGNAL RELAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD4 Datasheet(HTML) 3 Page - Hongfa Technology

  HFD4 Datasheet HTML 1Page - Hongfa Technology HFD4 Datasheet HTML 2Page - Hongfa Technology HFD4 Datasheet HTML 3Page - Hongfa Technology HFD4 Datasheet HTML 4Page - Hongfa Technology HFD4 Datasheet HTML 5Page - Hongfa Technology HFD4 Datasheet HTML 6Page - Hongfa Technology HFD4 Datasheet HTML 7Page - Hongfa Technology HFD4 Datasheet HTML 8Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1)
Special code3)
Notes:1) The data shown above are initial values.
2) To supply rated step voltage to coil is the foundation of relay proper operation. Please make sure the applied voltage to the coil reach at
rated values.
Please refer to the typical diagram below for single side stable relay. The "V_coil" is the rated voltage:
3) In case 5V of transistor drive circuit, it is recommended to use 4.5V type relay, and 3V to use 2.4V type relay.
4) For monostable relays,if you need to drop down voltage and hold mode after reliably operating,make sure that the effective value of
holding voltage is not less than 60% of the rated voltage.
5) Maximum voltage refers to the maximum voltage which relay coil could endure in a short period of time.
6) When user's requirements can't be found in the above table, special order allowed.
7) During the relay pick-up or drop-out processes, there are stages of contact pressure change, contact vibration and unstable contact etc.
When the voltage applied to coil is gradually changed, it will lengthen the unstable stage and affect relay endurance. To reduce this
influence, please apply step voltage(switching circuit) to relay coil.
RES2
RES1
GND
DIODE
V_coil
Port1
RELAY
VCC
V
ORDERING INFORMATION
Coil voltage
1.5, 2.4, 3, 4.5, 5, 6, 9, 12, 24VDC
HFD4 /
24
-L
Sort
Type
(XXX)
R
S
L: 1 coil latching
Nil: Single side stable
Terminal type
R: Tape and reel packing (Only for SMT type)
Nil: Tube packing(Only for DIP type)
Packing style
XXX: Customer special requirement
Nil: Standard
For instance: (478) indicates a monostable sensitive product with a rated coil power of 100mW;
Product with 888 suffix is for application at 105 ;
(356) indicates a low-halogen product that meets the requirements of
IEC 61249-2-21.
S3: J-legs SMT
Nil: DIP
S: Standard SMT
S1: Short terminal SMT
COIL DATA
at 23
Notes: 1) R type (tape and reel) packing is moisture-proof which meets requirement of MSL-3. Please choose R type packing for SMT products.
For R type, the letter "R" will only be printed on packing tag but not on relay cover. Tube packing is normally not available for SMT
products unless specially requested by customer. But please note that tube packing is not moisture-proof so please bake the products
before use according to description of Notice 10 herewith. In addition, tube packaging will be adopted when the ordering quantity of R
type is equal to or less than 100 pieces unless otherwise specified.
2) When coil sort, contact material, terminal type or packing style are needed, pleaes add "-" after coil voltage is selected. For instance,HFD4/24-SR.
3) The customer special requirement express as special code after evaluating by Hongfa.
4) The standard tube length is 520mm,Any special requirement needed, please contact us for more details.
5) For products that should meet the explosion-proof requirements of "IEC 60079 series",please note [Ex] after the specification while placing
orders.Not all products have explosion-proof certification,so please contact us if necessary, in order to select the suitable products.
69



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com