Electronic Components Datasheet Search
  English  ▼

X  

ENC28J60 Datasheet(PDF) 3 Page - Microchip Technology

Part # ENC28J60
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 3 Page - Microchip Technology

  ENC28J60 Datasheet HTML 1Page - Microchip Technology ENC28J60 Datasheet HTML 2Page - Microchip Technology ENC28J60 Datasheet HTML 3Page - Microchip Technology ENC28J60 Datasheet HTML 4Page - Microchip Technology ENC28J60 Datasheet HTML 5Page - Microchip Technology ENC28J60 Datasheet HTML 6Page - Microchip Technology ENC28J60 Datasheet HTML 7Page - Microchip Technology ENC28J60 Datasheet HTML 8Page - Microchip Technology ENC28J60 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 1
ENC28J60
Ethernet Controller Features
• IEEE 802.3 compatible Ethernet controller
• Integrated MAC and 10BASE-T PHY
• Supports one 10BASE-T port with automatic
polarity detection and correction
• Supports Full and Half-Duplex modes
• Programmable automatic retransmit on collision
• Programmable padding and CRC generation
• Programmable automatic rejection of erroneous
packets
• SPI Interface with clock speeds up to 20 MHz
Buffer
• 8-Kbyte transmit/receive packet dual port SRAM
• Configurable transmit/receive buffer size
• Hardware-managed circular receive FIFO
• Byte-wide random and sequential access with
auto-increment
• Internal DMA for fast data movement
• Hardware assisted checksum calculation for vari-
ous network protocols
Medium Access Controller (MAC)
Features
• Supports Unicast, Multicast and Broadcast
packets
• Programmable receive packet filtering and
wake-up host on logical AND or OR of the
following:
- Unicast destination address
- Multicast address
- Broadcast address
- Magic Packet™
- Group destination addresses as defined by
64-bit hash table
- Programmable pattern matching of up to
64 bytes at user-defined offset
Physical Layer (PHY) Features
• Loopback mode
• Two programmable LED outputs for LINK, TX,
RX, collision and full/half-duplex status
Operational
• Six interrupt sources and one interrupt output pin
• 25 MHz clock input requirement
• Clock out pin with programmable prescaler
• Operating voltage of 3.1V to 3.6V (3.3V typical)
• 5V tolerant inputs
• Temperature range: -40°C to +85°C Industrial,
0°C to +70°C Commercial (SSOP only)
• 28-pin SPDIP, SSOP, SOIC, QFN packages
Package Types
28-Pin SPDIP, SSOP, SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
OSC2
OSC1
NC*
1
2
3
4
5
6
7
89 10
28 27 26 25 24 23 22
21
20
19
ENC28J60
11 12 13 14
18
17
16
15
VDDOSC
28-pin QFN
RESET
CS
SO
SI
SCK
VSSRX
VDDRX
VSSOSC
VDDPLL
VSSPLL
VCAP
OSC2
OSC1
VDDRX
VSSTX
TPOUT+
TPOUT-
LEDA
LEDB
VDDOSC
VSSOSC
VDDTX
VDDPLL
VSSPLL
CLKOUT
RESET
CS
SO
SI
TPIN+
TPIN-
RBIAS
INT
NC*
SCK
VDD
VSS
VSSRX
* Reserved pin; always leave disconnected.
Stand-Alone Ethernet Controller with SPI Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com