Electronic Components Datasheet Search
  English  ▼

X  

ENC28J60 Datasheet(PDF) 44 Page - Microchip Technology

Part # ENC28J60
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 44 Page - Microchip Technology

Back Button ENC28J60 Datasheet HTML 40Page - Microchip Technology ENC28J60 Datasheet HTML 41Page - Microchip Technology ENC28J60 Datasheet HTML 42Page - Microchip Technology ENC28J60 Datasheet HTML 43Page - Microchip Technology ENC28J60 Datasheet HTML 44Page - Microchip Technology ENC28J60 Datasheet HTML 45Page - Microchip Technology ENC28J60 Datasheet HTML 46Page - Microchip Technology ENC28J60 Datasheet HTML 47Page - Microchip Technology ENC28J60 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 96 page
background image
ENC28J60
DS39662B-page 42
Preliminary
© 2006 Microchip Technology Inc.
TABLE 7-2:
SUMMARY OF REGISTERS USED FOR PACKET TRANSMISSION
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
EIE
INTIE
PKTIE
DMAIE
LINKIE
TXIE
rTXERIE
RXERIE
13
EIR
—
PKTIF
DMAIF
LINKIF
TXIF
r
TXERIF
RXERIF
13
ESTAT
INT
BUFER
rLATECOL
—
RXBUSY
TXABRT
CLKRDY
13
ECON1
TXRST
RXRST
DMAST
CSUMEN
TXRTS
RXEN
BSEL1
BSEL0
13
ETXSTL
TX Start Low Byte (ETXST<7:0>)
13
ETXSTH
—
—
—
TX Start High Byte (ETXST<12:8>)
13
ETXNDL
TX End Low Byte (ETXND<7:0>)
13
ETXNDH
—
—
—
TX End High Byte (ETXND<12:8>)
13
MACON1
—
—
—
r
TXPAUS
RXPAUS
PASSALL
MARXEN
14
MACON3
PADCFG2
PADCFG1
PADCFG0
TXCRCEN
PHDREN
HFRMEN
FRMLNEN
FULDPX
14
MACON4
—
DEFER
BPEN
NOBKOFF
—
—
r
r14
MABBIPG
—
Back-to-Back Inter-Packet Gap (BBIPG<6:0>)
14
MAIPGL
—
Non-Back-to-Back Inter-Packet Gap Low Byte (MAIPGL<6:0>)
14
MAIPGH
—
Non-Back-to-Back Inter-Packet Gap High Byte (MAIPGH<6:0>)
14
MACLCON1
—
—
—
—
Retransmission Maximum (RETMAX<3:0>)
14
MACLCON2
—
—
Collision Window (COLWIN<5:0>)
14
MAMXFLL
Maximum Frame Length Low Byte (MAMXFL<7:0>)
14
MAMXFLH
Maximum Frame Length High Byte (MAMXFL<15:8>)
14
Legend:
— = unimplemented, r = reserved bit. Shaded cells are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com