Electronic Components Datasheet Search
  English  ▼

X  

HMC642LC5 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC642LC5
Description  GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC642LC5 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC642LC5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC642LC5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC642LC5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC642LC5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC642LC5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC642LC5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC642LC5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC642LC5 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7
7 - 19
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Phase Error vs. State
GaAs MMIC 6-BIT DIGITAL
PHASE SHIFTER, 9 - 12.5 GHz
v01.0707
HMC642LC5
Absolute Maximum Ratings
Input Power (RFIN)
29 dBm (T= +85 °C)
Bias Voltage Range (Vdd)
-0.2 to +12V
Bias Voltage Range (Vss)
+0.2 to -12V
Channel Temperature (Tc)
150 °C
Thermal Resistance
(channel to ground paddle)
80 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Truth Table
Control Voltage
State
Bias Condition
Low (0)
0 to 0.2 Vdc
High (1)
Vdd ±0.2 Vdc @ 35 μA Typ.
Control Voltage Input
Phase Shift
(Degrees)
RFIN - RFOUT
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
00
0
0
0
0
Reference*
10
0
0
0
0
5.625
01
0
0
0
0
11.25
00
1
0
0
0
22.5
00
0
1
0
0
45.0
00
0
0
1
0
90.0
0
0
0
0
0
1
180.0
11
1
1
1
1
354.375
Any combination of the above states will provide a phase shift approxi-
mately equal to the sum of the bits selected.
*Reference corresponds to monotonic setting
Bias Voltage & Current
Vdd
Idd
5.0
5.6mA
Vss
Iss
-5.0
5.6mA
-10
-5
0
5
10
15
20
0
45
90
135
180
225
270
315
360
STATE (degrees)
9 GHz
9.5, 10, 10.5, 11, 11.5, 12, 12.5 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com