Electronic Components Datasheet Search
  English  ▼

X  

HMC642LC5 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC642LC5
Description  GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC642LC5 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC642LC5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC642LC5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC642LC5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC642LC5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC642LC5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC642LC5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC642LC5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC642LC5 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
7 - 22
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation board should be mounted to an
appropriate heat sink. The evaluation circuit board
shown is available from Hittite upon request.
List of Materials for Evaluation PCB 117252 [1][3]
Item
Description
J1 - J2
PCB Mount SMA RF Connector
J3 - J4
Molex Header 2mm
U1
HMC642LC5 6-Bit Digital Phase Shifter
PCB [2]
117186 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
[3] Please refer to part’s pin description and functional diagram for
pin out assignments on evaluation board.
GaAs MMIC 6-BIT DIGITAL
PHASE SHIFTER, 9 - 12.5 GHz
v01.0707
HMC642LC5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com