Electronic Components Datasheet Search
  English  ▼

X  

LSF0102 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 13Page - Texas Instruments LSF0102 Datasheet HTML 14Page - Texas Instruments LSF0102 Datasheet HTML 15Page - Texas Instruments LSF0102 Datasheet HTML 16Page - Texas Instruments LSF0102 Datasheet HTML 17Page - Texas Instruments LSF0102 Datasheet HTML 18Page - Texas Instruments LSF0102 Datasheet HTML 19Page - Texas Instruments LSF0102 Datasheet HTML 20Page - Texas Instruments LSF0102 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Vref_A
VCCB
EN
200 k
A1
A2
B1
B2
GND
LSF0108-Q1
Vref_B
3.3 V
Device
3.3 V
RB2
RB1
0.1 mF
RA1
RA2
R1
R2
1.8 V –
V
1.8 V –
V
Device
5
5
LSF010x
Figure 8-5. Single Supply Translation with 3.3V Supply
The steps to select the resistor values for R1 and R2 are as follows:
1. Select a value for R1. Typically, 1MΩ is used to reduce current consumption.
2. Plug in values for your system into the following equation. Note that Vref_A is the lowest voltage in the
system. VCCB is the primary supply and R1 is the selected value from step 1.
R2 =  200 103 × R1 × VREFA
200 103 + R1 VCCB − VREFA − 0.85 × R1 
(4)
The single supply used must be at least 0.8V larger than the lowest desired translation voltage. The voltage at
Vref_A must be selected as the lowest voltage to be used in the system. The LSF evaluation module (LSF-EVM)
contains unpopulated pads to place R1 and R2 for single supply operation testing. For an example single supply
translation schematic and details, see the Single Supply Translation with the LSF Family video.
www.ti.com
LSF0102
SDLS972B – APRIL 2023 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LSF0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com