Electronic Components Datasheet Search
  English  ▼

X  

LSF0102 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 10Page - Texas Instruments LSF0102 Datasheet HTML 11Page - Texas Instruments LSF0102 Datasheet HTML 12Page - Texas Instruments LSF0102 Datasheet HTML 13Page - Texas Instruments LSF0102 Datasheet HTML 14Page - Texas Instruments LSF0102 Datasheet HTML 15Page - Texas Instruments LSF0102 Datasheet HTML 16Page - Texas Instruments LSF0102 Datasheet HTML 17Page - Texas Instruments LSF0102 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
8.2.1.2 Detailed Design Procedure
8.2.1.2.1 Bidirectional Translation
For the bidirectional translation configuration (higher voltage to lower voltage or lower voltage to higher voltage),
the EN input must be connected to Vref_B and both pins must be pulled up to the HIGH side VCCB through a bias
resistor (typically 200kΩ). This allows Vref_B to regulate the EN input and bias the channels for proper translation.
A filter capacitor on Vref_B is recommended for a stable supply at the device. The controller output driver can be
push-pull or open-drain (pull-up resistors may be required) and the peripheral device output can be push-pull or
open-drain (pull-up resistors are required to pull the Bn outputs to VPU).
Note
If either output is push-pull, data must be unidirectional or the outputs must be tri-state and be
controlled by some direction-control mechanism to prevent HIGH-to-LOW bus contention in either
direction. If both outputs are open-drain, no direction control is needed.
8.2.1.2.2 Pull-Up Resistor Sizing
The pull-up resistor value needs to limit the current through the pass transistor when it is in the ON state to about
15mA. Doing this causes a voltage drop of 260 mV to 350 mV to have a valid LOW signal on the downstream
channel. If the current through the pass transistor is higher than 15mA, the voltage drop is also higher in the
ON state. To set the current through each pass transistor at 15mA, calculate the pull-up resistor value using the
following equation:
Rpu = Vpu − 0.35 V
0.015 A  
(3)
Table 8-3 provides resistor values, reference voltages, and currents at 8mA, 5mA, and 3mA. The resistor value
shown in the +10% column (or a larger value) should be used so that the voltage drop across the transistor
is 350 mV or less. The external driver must be able to sink the total current from the resistors on both sides
of the LSF family device at 0.175V, although the 15mA applies only to current flowing through the LSF family
device. The device driving the low state at 0.175V must sink current from one or more of the pull-up resistors
and maintain VOL. A decrease in resistance will increase current, and thus result in increased VOL.
Table 8-3. Pull-Up Resistor Values
VPU (1) (2)
8mA
5mA
3mA
NOMINAL (Ω)
+10%(3) (Ω)
NOMINAL (Ω)
+10%(3) (Ω)
NOMINAL (Ω)
+10%(3) (Ω)
5V
581
639
930
1023
1550
1705
3.3V
369
406
590
649
983
1082
2.5V
269
296
430
473
717
788
1.8V
181
199
290
319
483
532
1.5V
144
158
230
253
383
422
1.2V
106
117
170
187
283
312
(1)
Calculated for VOL = 0.35V
(2)
Assumes output driver VOL = 0.175V at stated current
(3)
+10% to compensate for VDD range and resistor tolerance
LSF0102
SDLS972B – APRIL 2023 – REVISED APRIL 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LSF0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com