Electronic Components Datasheet Search
  English  ▼

X  

S8FS-C Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # S8FS-C
Description  Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-C Datasheet(HTML) 2 Page - Omron Electronics LLC

  S8FS-C Datasheet HTML 1Page - Omron Electronics LLC S8FS-C Datasheet HTML 2Page - Omron Electronics LLC S8FS-C Datasheet HTML 3Page - Omron Electronics LLC S8FS-C Datasheet HTML 4Page - Omron Electronics LLC S8FS-C Datasheet HTML 5Page - Omron Electronics LLC S8FS-C Datasheet HTML 6Page - Omron Electronics LLC S8FS-C Datasheet HTML 7Page - Omron Electronics LLC S8FS-C Datasheet HTML 8Page - Omron Electronics LLC S8FS-C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
S8FS-C
2
Ordering Information
List of Models
Note: For details on normal stock models, contact your nearest OMRON representative.
Note: You can use brackets that are sold separately to mount the Power Supplies to DIN Rail. Refer to Mounting Brackets (Order Separately) on
page 29.
*1. The range for compliance with EC Directives and safety standards (UL, EN, etc.) is 100 to 240 VAC.
*2. The range for compliance with EC Directives and safety standards (UL, EN, etc.) is 100 to 120 VAC, 200 to 240 VAC.
Power rating
Input voltage
Output voltage
(VDC)
Output current
Built-in fan
Model with
terminal block
facing upward
Model with
terminal block
facing forward
Model wtih
DIN rail
15 W
100 to 240 VAC
(allowable range:
85 to 264 VAC or
120 to 370 VDC
*1)
5 V
3 A
None
---
S8FS-C01505J S8FS-C01505D
12 V
1.3 A
S8FS-C01512J S8FS-C01512D
15 V
1 A
S8FS-C01515J S8FS-C01515D
24 V
0.7 A
S8FS-C01524J S8FS-C01524D
25 W
5 V
5 A
S8FS-C02505
S8FS-C02505J S8FS-C02505D
12 V
2.1 A
S8FS-C02512
S8FS-C02512J S8FS-C02512D
15 V
1.7 A
S8FS-C02515
S8FS-C02515J S8FS-C02515D
24 V
1.1 A
S8FS-C02524
S8FS-C02524J S8FS-C02524D
35 W
5 V
7 A
S8FS-C03505
S8FS-C03505J S8FS-C03505D
12 V
3 A
S8FS-C03512
S8FS-C03512J S8FS-C03512D
15 V
2.4 A
S8FS-C03515
S8FS-C03515J S8FS-C03515D
24 V
1.5 A
S8FS-C03524
S8FS-C03524J S8FS-C03524D
50 W
5 V
10 A
S8FS-C05005
S8FS-C05005J S8FS-C05005D
12 V
4.2 A
S8FS-C05012
S8FS-C05012J S8FS-C05012D
15 V
3.4 A
S8FS-C05015
S8FS-C05015J S8FS-C05015D
24 V
2.2 A
S8FS-C05024
S8FS-C05024J S8FS-C05024D
48 V
1.1 A
S8FS-C05048
S8FS-C05048J S8FS-C05048D
75 W
5 V
14 A
S8FS-C07505
S8FS-C07505J S8FS-C07505D
12 V
6.2 A
S8FS-C07512
S8FS-C07512J S8FS-C07512D
15 V
5 A
S8FS-C07515
S8FS-C07515J S8FS-C07515D
24 V
3.2 A
S8FS-C07524
S8FS-C07524J S8FS-C07524D
48 V
1.6 A
S8FS-C07548
S8FS-C07548J S8FS-C07548D
100 W
100 to 120 VAC,
200 to 240 VAC
(allowable range:
85 to 132 VAC,
176 to 264 VAC, or
248 to 373 VDC
(Select with the switch.)
*2)
5 V
20 A
S8FS-C10005
S8FS-C10005J S8FS-C10005D
12 V
8.5 A
S8FS-C10012
S8FS-C10012J S8FS-C10012D
15 V
7 A
S8FS-C10015
S8FS-C10015J S8FS-C10015D
24 V
4.5 A
S8FS-C10024
S8FS-C10024J S8FS-C10024D
36 V
2.8 A
S8FS-C10036
S8FS-C10036J S8FS-C10036D
48 V
2.3 A
S8FS-C10048
S8FS-C10048J S8FS-C10048D
150 W
100 to 120 VAC,
200 to 240 VAC
(allowable range:
90 to 132 VAC,
180 to 264 VAC, or
254 to 373 VDC
(Select with the switch.)
*2)
5 V
26 A
S8FS-C15005
S8FS-C15005J S8FS-C15005D
12 V
12.5 A
S8FS-C15012
S8FS-C15012J S8FS-C15012D
15 V
10 A
S8FS-C15015
S8FS-C15015J S8FS-C15015D
24 V
6.5 A
S8FS-C15024
S8FS-C15024J S8FS-C15024D
36 V
4.3 A
S8FS-C15036
S8FS-C15036J S8FS-C15036D
48 V
3.3 A
S8FS-C15048
S8FS-C15048J S8FS-C15048D
200 W
5 V
40 A
S8FS-C20005
S8FS-C20005J S8FS-C20005D
12 V
17 A
S8FS-C20012
S8FS-C20012J S8FS-C20012D
24 V
8.8 A
S8FS-C20024
S8FS-C20024J S8FS-C20024D
36 V
5.9 A
S8FS-C20036
S8FS-C20036J S8FS-C20036D
48 V
4.43 A
S8FS-C20048
S8FS-C20048J S8FS-C20048D
350 W
5 V
60 A
Yes
S8FS-C35005
S8FS-C35005J S8FS-C35005D
12 V
29 A
S8FS-C35012
S8FS-C35012J S8FS-C35012D
24 V
14.6 A
S8FS-C35024
S8FS-C35024J S8FS-C35024D
36 V
9.7 A
S8FS-C35036
S8FS-C35036J S8FS-C35036D
48 V
7.32 A
S8FS-C35048
S8FS-C35048J S8FS-C35048D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com