Electronic Components Datasheet Search
  English  ▼

X  

S8FS-C Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # S8FS-C
Description  Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-C Datasheet(HTML) 3 Page - Omron Electronics LLC

  S8FS-C Datasheet HTML 1Page - Omron Electronics LLC S8FS-C Datasheet HTML 2Page - Omron Electronics LLC S8FS-C Datasheet HTML 3Page - Omron Electronics LLC S8FS-C Datasheet HTML 4Page - Omron Electronics LLC S8FS-C Datasheet HTML 5Page - Omron Electronics LLC S8FS-C Datasheet HTML 6Page - Omron Electronics LLC S8FS-C Datasheet HTML 7Page - Omron Electronics LLC S8FS-C Datasheet HTML 8Page - Omron Electronics LLC S8FS-C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
S8FS-C
3
Ratings, Characteristics, and Functions
* Refer to Conditions on page 12.
Power rating
15 W
Item
Output voltage (VDC)
5 V
12 V
15 V
24 V
Efficiency
*
115 VAC input
80% typ.
84% typ.
84% typ.
85% typ.
230 VAC input
82% typ.
85% typ.
86% typ.
87% typ.
Input
Voltage range
*
Single phase 85 to 264 VAC, 120 to 370 VDC (The L terminal for the DC input is the positive side and safety
standards do not apply.) (Derating is required according to the input voltage. Refer to
Derating Curves on page 18.)
Frequency
*
50 /60 Hz (47 to 450 Hz)
Current
*
115 VAC input
0.3 A typ.
230 VAC input
0.19 A typ.
Power factor
---
Leakage current
115 VAC input
0.05 mA
0.05 mA
0.05 mA
0.05 mA
230 VAC input
0.10 mA
0.10 mA
0.10 mA
0.10 mA
Inrush current
*
(for a cold start at 25
°)
115 VAC input
16 A typ.
230 VAC input
32 A typ.
Output
Rated Output Current
3 A
1.3 A
1 A
0.7 A
Voltage adjustment range
*
−10% to 10% (with V. ADJ)
Ripple & Noise
voltage
*
100 to 240
VAC
input
30 mVp-p max.
30 mVp-p max.
40 mVp-p max.
30 mVp-p max.
Input variation influence
*
0.5% max.
Load variation influence
*
1.0% max.
Temperature vari-
ation influence
100 to 240
VAC
input
0.03%/
°C max.
Startup time
*
115 VAC input
490 ms typ.
500 ms typ.
470 ms typ.
480 ms typ.
230 VAC input
470 ms typ.
480 ms typ.
450 ms typ.
460 ms typ.
Hold time
*
115 VAC input
14 ms typ.
16 ms typ.
18 ms typ.
15 ms typ.
230 VAC input
83 ms typ.
87 ms typ.
92 ms typ.
79 ms typ.
Addi-
tional
func-
tions
Overload protection
Yes, automatic reset
Overvoltage protection
*
Yes, 115% or higher of rated output voltage, power shut off (shut off the input voltage and turn on the input again)
Overheat protection
No
Series operation
Yes (For up to 2 Power Supplies, external diodes are required.)
Parallel operation
No (However, backup operation is possible, external diodes are required.)
Remote sensing
No
Remote control
No
Output indicator
Yes (LED: Green)
Insula-
tion
Withstand voltage
3 kVAC for 1 min. (between all input terminals and output terminals) current cutoff 20 mA
2 kVAC for 1 min. (between all input terminals and PE terminals) current cutoff 20 mA
1 kVAC for 1 min. (between all output terminals and PE terminals) current cutoff 20 mA
Insulation resistance
100 M
Ω min. (between all output terminals and all input terminals/PE terminals) at 500 VDC
Envi-
ronment
Ambient operating temperature
−20 to 60°C (Derating is required according to the temperature. Refer to Derating Curves on page 17.) (with no
condensation or icing)
Storage temperature
−40 to 85°C (with no condensation or icing)
Ambient operating humidity
20% to 90% (Storage humidity: 10% to 95%)
Vibration resistance
10 to 55 Hz, 0.375-mm half amplitude for 2 h each in X, Y, and Z directions
10 to 500 Hz, 0.26-mm half amplitude for 1 h each in X, Y, and Z directions
Shock resistance
150 m/s2, 3 times each in
±X, ±Y, ±Z directions
Reliabil-
ity
MTBF
135,000 hrs min.
Life expectancy
*
10 years min.
Con-
struc-
tion
Dimensions (W
×H×D)
Refer to
Dimensions on page 23.
Weight
150 g max.
Cooling fan
No
Degree of protection
---
Stan-
dards
Harmonic current emissions
Conforms to EN 61000-3-2, GB17625.1
EMI
Conducted
Emissions
Conforms to EN 61204-3 Class B, EN 55011 Class B, GB9254
Radiated
Emissions
Conforms to EN 61204-3 Class B, EN 55011 Class B, GB9254
EMS
Conforms to EN 61204-3 high severity levels
Safety Standards
Approved Standards
UL : cURus UL 62368-1 (Recognition) OVC II Pol2
CSA: cURus C22.2 No62368-1
CCC: GB4943
Conformed Standards
EN: EN 62368-1 OVC II Pol2
RCM (EN61000-6-4)
Marine Standards
No
SEMI
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com