Electronic Components Datasheet Search
  English  ▼

X  

NMRTB-CSS Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # NMRTB-CSS
Description  SPNovaLED: 20mA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NMRTB-CSS Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  NMRTB-CSS Datasheet HTML 1Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 2Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 3Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 4Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 5Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 6Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 7Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 8Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
18/01/2007 V(O)
3
RGB SPNovaLED : 20mA
DOMINANT TM
Semiconductors
Innovating Illumination
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current (per chip)
Peak pulse current (per chip)
Reverse Voltage
ESD Threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Red
True Green, Blue
50
30
Red
True Green, Blue
200
100
Not designed for reverse bias
2
125
-40 … +100
-40 … +100
mA
mA
V
kV
˚C
˚C
˚C
Material
Material
Lead-frame
Package
Encapsulate
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic, PPA
Silicone Resin
Sn-Sn Plating
Min.
Luminous Intensity (mcd)
Note: Data provided above is based on approximation
Correlation Between Luminous Intensity And Luminous Flux
Max.
Luminous Flux (lm)
Min.
IV Bins
T3
U3
U3
V3
R3
S3
320.0
450.0
715.0
1012.0
140.0
202.0
0.90
1.26
1.93
2.73
0.35
0.51
450.0
637.5
1012.0
1400.0
202.0
285.0
Max.
1.26
1.79
2.73
3.78
0.51
0.71
Note: Product has no lead (Pb) content.
Color
Red
True Green
Blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com