Electronic Components Datasheet Search
  English  ▼

X  

NMRTB-CSS Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # NMRTB-CSS
Description  SPNovaLED: 20mA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NMRTB-CSS Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  NMRTB-CSS Datasheet HTML 1Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 2Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 3Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 4Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 5Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 6Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 7Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 8Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
18/01/2007 V(O)
4
RGB SPNovaLED : 20mA
DOMINANT TM
Semiconductors
Innovating Illumination
Forward Current Vs Forward Voltage (Red)
Forward Current, mA
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
3.5
Forward Current Vs Forward Voltage (Blue and True Green)
Forward Current, mA
0
20
40
60
80
100
0
1
2
3
4
5
Wavelength Shift Vs Forward Current (Blue)
Forward Current, mA
0
20
40
60
80
100
-3
-2
-1
0
1
2
3
Wavelength Shift Vs Forward Current (True Green)
Forward Current, mA
0
20
40
60
80
100
-10
-8
-6
-4
-2
0
2
4
6
Max Pulse Current Vs Duty Cycle (Red)
Duty (%); Tp<= 0.010 sec.
1
10
100
0
20
40
60
80
100
120
140
160
180
200
220
Max Pulse Current Vs Duty Cycle (True Green, Blue)
Duty (%); Tp <= 0.010 sec.
1
10
100
0
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com