Electronic Components Datasheet Search
  English  ▼

X  

SSM2211 Datasheet(PDF) 16 Page - Analog Devices

Part # SSM2211
Description  Low Distortion, 1.5 W Audio Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211 Datasheet(HTML) 16 Page - Analog Devices

Back Button SSM2211 Datasheet HTML 12Page - Analog Devices SSM2211 Datasheet HTML 13Page - Analog Devices SSM2211 Datasheet HTML 14Page - Analog Devices SSM2211 Datasheet HTML 15Page - Analog Devices SSM2211 Datasheet HTML 16Page - Analog Devices SSM2211 Datasheet HTML 17Page - Analog Devices SSM2211 Datasheet HTML 18Page - Analog Devices SSM2211 Datasheet HTML 19Page - Analog Devices SSM2211 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
SSM2211
Rev. D | Page 16 of 24
POWER DISSIPATION
Another important advantage in using a bridged-output config-
uration is the fact that bridged-output amplifiers are more
efficient than single-ended amplifiers in delivering power to a
load. Efficiency is defined as the ratio of power from the power
supply to power delivered to the load
SY
L
P
P
=
η
An amplifier with a higher efficiency has less internal power
dissipation, which results in a lower die-to-case junction tem-
perature as compared to an amplifier that is less efficient. This is
important when considering the amplifier maximum power
dissipation rating vs. ambient temperature. An internal power
dissipation vs. output power equation can be derived to fully
understand this.
The internal power dissipation of the amplifier is the internal
voltage drop multiplied by the average value of the supply
current. An easier way to find internal power dissipation is to
measure the difference between the power delivered by the
supply voltage source and the power delivered into the load.
The waveform of the supply current for a bridged-output
amplifier is shown in Figure 43.
T
T
VOUT
VPEAK
ISY
IDD, PEAK
TIME
IDD, AVG
TIME
Figure 43. Bridged Amplifier Output Voltage and Supply Current vs. Time
By integrating the supply current over a period, T, then dividing
the result by T, IDD,AVG can be found. Expressed in terms of peak
output voltage and load resistance
L
PEAK
AVG
DD
R
V
I
π
2
,
=
(5)
Therefore, power delivered by the supply, neglecting the bias
current for the device, is
L
PEAK
DD
SY
R
V
V
P
π
×
=
2
(6)
The power dissipated by the amplifier internally is simply the
difference between Equation 6 and Equation 3. The equation
for internal power dissipated, PDISS, expressed in terms of power
delivered to the load and load resistance, is
L
PEAK
DD
DISS
R
V
V
P
π
×
=
2
2
(7)
The graph of this equation is shown in Figure 44.
OUTPUT POWER (W)
1.5
0
0
1.5
0.5
1.0
1.0
0.5
VDD = 5V
RL = 4Ω
RL = 8Ω
RL = 16Ω
Figure 44. Power Dissipation vs. Output Power with VDD = 5 V
Because the efficiency of a bridged-output amplifier (Equation 3
divided by Equation 6) increases with the square root of PL, the
power dissipated internally by the device stays relatively flat and
actually decreases with higher output power. The maximum
power dissipation of the device can be found by differentiating
Equation 7 with respect to load power and setting the derivative
equal to zero. This yields
0
1
2
2
1
=
−
×
π
×
=
∂
∂
−
L
L
DD
L
DISS
P
R
V
P
P
(8)
and occurs when
L
DD
MAX
DISS
R
V
P
2
2
,
π
2
=
(9)
Using Equation 9 and the power derating curve in Figure 31,
the maximum ambient temperature can be found easily. This
ensures that the SSM2211 does not exceed its maximum
junction temperature of 150°C. The power dissipation for a
single-ended output application where the load is capacitively
coupled is given by
L
L
L
DD
DISS
P
P
R
V
P
−
×
π
×
=
∂
2
2
(10)
The graph of Equation 10 is shown in Figure 45.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com