Electronic Components Datasheet Search
  English  ▼

X  

SSM2211 Datasheet(PDF) 21 Page - Analog Devices

Part # SSM2211
Description  Low Distortion, 1.5 W Audio Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211 Datasheet(HTML) 21 Page - Analog Devices

Back Button SSM2211 Datasheet HTML 16Page - Analog Devices SSM2211 Datasheet HTML 17Page - Analog Devices SSM2211 Datasheet HTML 18Page - Analog Devices SSM2211 Datasheet HTML 19Page - Analog Devices SSM2211 Datasheet HTML 20Page - Analog Devices SSM2211 Datasheet HTML 21Page - Analog Devices SSM2211 Datasheet HTML 22Page - Analog Devices SSM2211 Datasheet HTML 23Page - Analog Devices SSM2211 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
SSM2211
Rev. D | Page 21 of 24
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2440)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
Figure 52. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body, S-Suffix
(R-8)
Dimensions shown in millimeters and (inches)
1
0.50
BSC
0.60 MAX
PIN 1
INDICATOR
1.50
REF
0.50
0.40
0.30
2.75
BSC SQ
TOP
VIEW
12° MAX
0.70 MAX
0.65 TYP
SEATING
PLANE
PIN 1
INDICATOR
0.90 MAX
0.85 NOM
0.30
0.23
0.18
0.05 MAX
0.01 NOM
0.20 REF
1.89
1.74
1.59
4
1.60
1.45
1.30
3.00
BSC SQ
5
8
Figure 53. 8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
3 mm × 3 mm Body, Very Thin, Dual Lead
(CP-8-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
SSM2211CP-R2
–40°C to +85°C
8-Lead LFCSP_VD
CP-8-2
B5A
SSM2211CP-REEL
–40°C to +85°C
8-Lead LFCSP_VD
CP-8-2
B5A
SSM2211CP-REEL7
–40°C to +85°C
8-Lead LFCSP_VD
CP-8-2
B5A
SSM2211CPZ-R21
–40°C to +85°C
8-Lead LFCSP_VD
CP-8-2
B5A#
SSM2211CPZ-REEL1
–40°C to +85°C
8-Lead LFCSP_VD
CP-8-2
B5A#
SSM2211CPZ-REEL71
–40°C to +85°C
8-Lead LFCSP_VD
CP-8-2
B5A#
SSM2211S
–40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
SSM2211S-REEL
–40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
SSM2211S-REEL7
–40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
SSM2211SZ1
–40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
SSM2211SZ-REEL1
–40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
SSM2211SZ-REEL71
–40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
SSM2211-EVAL
Evaluation Board
1 Z = Pb-free part; # denotes lead-free product may be top or bottom marked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com