Electronic Components Datasheet Search
  English  ▼

X  

AM417 Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AM417
Description  RATIOMETRIC VOLTAGE TRANSMITTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM417 Datasheet(HTML) 4 Page - Analog Microelectronics

  AM417 Datasheet HTML 1Page - Analog Microelectronics AM417 Datasheet HTML 2Page - Analog Microelectronics AM417 Datasheet HTML 3Page - Analog Microelectronics AM417 Datasheet HTML 4Page - Analog Microelectronics AM417 Datasheet HTML 5Page - Analog Microelectronics AM417 Datasheet HTML 6Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RATIOMETRIC VOLTAGE TRANSMITTER
AM417
analog microelectronics
April 99
4/6
FUNCTIONAL DESCRIPTION
The AM417 is an integrated low cost ratiometric voltage transmitter specially designed for bridge
input signals in automotive applications. With its integrated, ratiometrical current source the
AM417 is ideally suited for the signal conditioning of piezoresistive pressure transducers and allows
an easy temperature compensation and span adjustment of a these kinds of sensors.
The AM417 consists of 3 basic functional blocks:
1. A Ratiometrical Current Source for transducer excitation:
The current IIB can be adjusted by the variation of the resistor R1 by the following relation:
I
V
R
IB
VCC
=
10
1
2. An Instrumentation Amplifier Input Stage with a fixed gain GIA = 10 for pre–amplifiing the
bridge input signal.
3. An Open Collector Output Stage with the following functions:
• Voltage Output: As output is used a voltage amplifier which has an external PNP–open col-
lector stage T1 which is able to push a maximum current of IOUT = 5mA. The gain GOUT is ad-
justable by the external resistors R3 and R4 between GOUT = 2...11:
G
R
RR
OUT =
+
3
34
The gain G of the complete system becomes then G = GIA GOUT.
• Current Limitation: A simple clamp stage for the output pin VOUT limits the voltage drop
against VCC to
()
VV
V
T
OUT
VCC
BE
max
.
=−15
1 .
The maximum current can be set by adding a resistor in series to the Emitter of the transistor T1
at the output stage (see figure 4). For the maximum output current is valid:
()
I
VV
T
RR
OUT
TRESH
BE
max =
−
≈
1
22
370mV
.
If no current limitation is required, the Emitter of the transistor T1 has to be directly connected to
VCC (R2 = 0
Ω). A proper thermic coupling of the Transistor T1 (VBE–Drift: –2mV/°C typ.)
and the AM417 reduces the resulting temperature drift of IOUT and increases the performance
of the current limitation.
Adjustment of Output Voltage Range
The span of the output voltage could be adjusted by the gain GOUT of the output stage. The offset of
the output voltage can be adjusted in the same way as the adjustment of the sensor offset using the
resistors RO1 and RO2 (figure 4).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com