Electronic Components Datasheet Search
  English  ▼

X  

AM417 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AM417
Description  RATIOMETRIC VOLTAGE TRANSMITTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM417 Datasheet(HTML) 1 Page - Analog Microelectronics

  AM417 Datasheet HTML 1Page - Analog Microelectronics AM417 Datasheet HTML 2Page - Analog Microelectronics AM417 Datasheet HTML 3Page - Analog Microelectronics AM417 Datasheet HTML 4Page - Analog Microelectronics AM417 Datasheet HTML 5Page - Analog Microelectronics AM417 Datasheet HTML 6Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RATIOMETRIC VOLTAGE TRANSMITTER
AM417
analog microelectronics
April 99
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
1/6
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.1
Internet: www.analogmicro.de
E–Mail:
info@analogmicro.de
FEATURES
• Supply Voltage 5V±±±±5% (Ratio Range)
• Wide Operating Temperature Range:
–40°C...+100°C
• Ratiometrical Current Source for
Transducer Excitation
• Instrumentation Amplifier Input
• Voltage Output Driver
Open Collector:
VOUT = 0.5–4.5V
IOUT = +10mA
• Adjustable Gain, Offset, and Output
Voltage Range
• Small Package Dimensions: SO8
• Low Cost
APPLICATIONS
• Industrial Process Control
• Automotive Applications
• Sensor Transmitter
GENERAL DESCRIPTION
The AM417 is a low cost ratiometrical voltage
transmitter, designed for flexible bridge input
signal conditioning. The IC contains a ra-
tiometric current source for transducer excita-
tion, a high accuracy instrumentation amplifier
for differential input signals, and a voltage out-
put driver. Gain, offset, and output voltage
range are adjustable by external resistors. The
voltage output stage is designed as an open col-
lector stage. The output current is +10mA. A
simple current limitation is possible by adding
an external resistor. With its functional blocks
and possibilities to adjust all important pa-
rameters for sensor calibration, the small pack-
age dimensions (SO8), and the low costs the
AM417 is ideally suited for automotive sensor
interface applications.
DELIVERY
• DIL8 packages (samples)
• SOP8 packages
• Dice on 5“ blue foil
BLOCK DIAGRAM
IA
RB
VOUT
IN+
IN
4
5
8
7
1
AM417
IB
2
Output
Stage
GND
6
3
VCC
9R
1R
I
BR
OP
VR
V
CC
Figure 1


Similar Part No. - AM417

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AM417 AD-AM417 Datasheet
276Kb / 18P
Ratiometric instrumentation amplifier with adjustable output stage
logo
WOLFSPEED, INC.
AM417 WOLFSPEED-AM417 Datasheet
270Kb / 18P
Ratiometric instrumentation amplifier with adjustable output stage
July 2008 Rev 3.1
logo
Analog Microelectronics...
AM417 ANALOGMICRO-AM417 Datasheet
270Kb / 18P
Ratiometric instrumentation amplifier with adjustable output stage
July 2008
More results

Similar Description - AM417

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3503 ALLEGRO-3503 Datasheet
183Kb / 8P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
logo
List of Unclassifed Man...
WH4A ETC1-WH4A Datasheet
102Kb / 2P
Voltage Transmitter (non-isolated)
FG3A ETC1-FG3A Datasheet
88Kb / 2P
AC Voltage Transmitter
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
Ratiometric Linear Hall-effect Sensor
06/05
logo
Mini-Circuits
AM411 MINI-AM411 Datasheet
71Kb / 6P
VOLTAGE TRANSMITTER IC
logo
OPTEK Technologies
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
Ratiometric Linear Hall-effect Sensor
logo
TE Connectivity Ltd
MS4525 TEC-MS4525 Datasheet
412Kb / 15P
Amplified Ratiometric Analog Output
logo
Texas Instruments
DRV5055 TI1-DRV5055 Datasheet
1Mb / 30P
Ratiometric Linear Hall Effect Sensor
logo
TT Electronics.
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
Ratiometric Linear Hall-Effect Sensor
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
Ratiometric Linear Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com