Electronic Components Datasheet Search
  English  ▼

X  

AM460 Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AM460
Description  Industrial Converter and Protector IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM460 Datasheet(HTML) 5 Page - Analog Microelectronics

  AM460 Datasheet HTML 1Page - Analog Microelectronics AM460 Datasheet HTML 2Page - Analog Microelectronics AM460 Datasheet HTML 3Page - Analog Microelectronics AM460 Datasheet HTML 4Page - Analog Microelectronics AM460 Datasheet HTML 5Page - Analog Microelectronics AM460 Datasheet HTML 6Page - Analog Microelectronics AM460 Datasheet HTML 7Page - Analog Microelectronics AM460 Datasheet HTML 8Page - Analog Microelectronics AM460 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Industrial Converter and Protector IC
AM460
analog microelectronics
April 2003
5/18
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Operational Amplifier Gain Stage (OP1) (cont.)
Input Bias Current
IB
10
25
nA
IB vs. Temperature
dIB/dT
720
pA/°C
Output Voltage Limit
VLIM
VREF
V
Output Voltage Range
VOUTAD
VCC < 10V
0
VCC – 5
V
VOUTAD
VCC ≥ 10V
0
VREF
V
Load Capacitance
CL
250
pF
Operational Amplifier Output Stage (OP3)
Internal Gain
GOP
2.15
2.20
2.25
Input Range
IR
VCC < 11V
0
VCC – 5
V
IR
VCC ≥ 11V
06
V
Power Supply Rejection Ratio
PSRR
80
90
dB
Offset Voltage
VOS
±
0.5
±
2mV
VOS vs. Temperature
dVOS/dT
±
3
±
7µV/°C
Input Bias Current
IB
10
25
nA
IB vs. Temperature
dIB/dT
720
pA/°C
Output Voltage Range
VOUT
VCC < 19V
0
VCC – 5
V
VOUT
VCC ≥ 19V
014
V
Output Current Limitation
ILIM
VOUT ≥ 10V
57
10
mA
Output Current
IOUT
0
ILIM
mA
Load Resistance
RL
2
k
Ω
Load Capacitance
CL
500
nF
V/I Converter
Internal Gain
GVI
0.125
Trim Range
Adjustable by R0
0.75
1.00
1.25
Voltage Range at R0 FS
VR0FS
350
750
mV
Offset Voltage
VOS
β
F ≥ 100
±
2
±
4mV
VOS vs. Temperature
dVOS/dT
β
F ≥ 100
±
7
±
14
µV/°C
Input Resistance
RIN
120
160
k
Ω
RIN vs. Temperature
dRIN/dT
0.2
0.3
k
Ω/°C
Output Offset Current
IOUTOS
3-wire operation
–25
–35
µA
IOUTOS vs. Temperature
dIOUTOS/dT
3-wire operation
16
26
nA/°C
Output Offset Current
IOUTOS
2-wire operation
9.5
14
µA
IOUTOS vs. Temperature
dIOUTOS/dT
2-wire operation
6
8
nA/°C
Output Control Current
IOUTC
2-wire operation, VR0/100mV
6
8
µA
IOUTC vs. Temperature
dIOUTC/dT
2-wire operation
–10
–15
nA/°C
Output Voltage Range
VOUT
VOUT = RL IOUT, VCC < 18V
0
VCC – 6
V
VOUT
VOUT = RL IOUT, VCC ≥ 18V
012
V
Output Current Range FS
IOUTFS
IOUT = VR0/R0, 3-wire operation
20
mA
Output Resistance
ROUT
0.5
1.0
M
Ω
Load Capacitance
CL
0
500
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com