Electronic Components Datasheet Search
  English  ▼

X  

AM460 Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AM460
Description  Industrial Converter and Protector IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM460 Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AM460 Datasheet HTML 7Page - Analog Microelectronics AM460 Datasheet HTML 8Page - Analog Microelectronics AM460 Datasheet HTML 9Page - Analog Microelectronics AM460 Datasheet HTML 10Page - Analog Microelectronics AM460 Datasheet HTML 11Page - Analog Microelectronics AM460 Datasheet HTML 12Page - Analog Microelectronics AM460 Datasheet HTML 13Page - Analog Microelectronics AM460 Datasheet HTML 14Page - Analog Microelectronics AM460 Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Industrial Converter and Protector IC
AM460
analog microelectronics
April 2003
11/18
cuit in Figure 5 the following applies:
SET
SET
BG
S
R
R
V
I
V
27
.
1
=
=
(12)
The bridge symbol represents the component to be supplied with current (e.g. a piezoresistive sensing element
or temperature sensor).
Example 1:
A supply current of IS = 1mA is to be set. Using Equation 12 the following value is calculated for external re-
sistor RSET, which in turn stipulates the size of the current:
Ω
=
=
=
k
27
.
1
mA
1
V
27
.
1
S
BG
SET
I
V
R
Connecting OP2 as a voltage reference
In addition to the integrated voltage reference OP2 can also be used to supply voltage to external components
such as A/D converters and microprocessors, for example. Lower voltages can be generated (e.g. 3.3V) which
with the increasing miniaturisation of devices and need for ever lower levels of power dissipation in digital
components is today of growing importance.
The additional operational amplifier OP2 can easily be connected up as a voltage reference. Using the circuit in
Figure 6 the following applies:


+
=


+
=
7
6
7
6
1
V
27
.
1
1
R
R
R
R
V
V
BG
CVREF
(13)
Example 2:
A voltage of VCVREF = 3.3V is to be set. Using Equation 13 the following ratio is calculated for external resistors
V
BG
AM460
OP2
1
OP2 connected as voltage
reference
2
V
CVREF
R
6
R
7
µP
Figure 6: Connecting up a voltage reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com