Electronic Components Datasheet Search
  English  ▼

X  

AME7730 Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME7730
Description  100mA Regulated Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME7730 Datasheet(HTML) 5 Page - Analog Microelectronics

  AME7730 Datasheet HTML 1Page - Analog Microelectronics AME7730 Datasheet HTML 2Page - Analog Microelectronics AME7730 Datasheet HTML 3Page - Analog Microelectronics AME7730 Datasheet HTML 4Page - Analog Microelectronics AME7730 Datasheet HTML 5Page - Analog Microelectronics AME7730 Datasheet HTML 6Page - Analog Microelectronics AME7730 Datasheet HTML 7Page - Analog Microelectronics AME7730 Datasheet HTML 8Page - Analog Microelectronics AME7730 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AME, Inc.
Rev.A.01
5
AME7730
100mA Regulated Charge Pump
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
2.7
5
V
4.8
5
5.2
4.8
5
5.2
Quiescent Current
IQ
60
100
µA
0.01
1
2.5
Short Circuit Current Limit
ISC
300
mA
25
30
Efficiency
η
90
%
Frequency
fOSC
1.0
MHz
EN Input Threshold High
VEH
1.3
V
EN Input Threshold Low
VEL
0.6
V
EN Input Current
IEN
0.1
µA
Over Temperature Shutdown
OTS
160
oC
Over Temperature Hysterisis
OTH
20
oC
mVp-p
Oscillator Free Running
VIN = 2.7V, IOUT = 50mA, VOUT = 5V
VEN = VIN, VEN = GND
VRIPPLE
Shutdown Current
2.7V < VIN < 3.6V, IOUT = 0mA, VEN = 0
VIN = 2.7V, IOUT = 50mA, VOUT = 5V
VIN = 3V, IOUT = 100mA, VOUT = 5V
Ripple Voltage
1
ISHDN
VIN = VEN = 3V, VOUT = GND
Output Voltage
IOUT <= 100mA, 3.0V < VIN < 5V
2.7V < VIN < 5V, IOUT = 0mA, VEN = VIN
IOUT <= 50mA, 2.7V < VIN < 5V
Test Conditions
VOUT = 5.0V
VOUT
µA
3.6V < VIN < 5V, IOUT = 0mA, VEN = 0
V
n Electrical Characteristics
V
IN = VEN = 3V, Cpump = 1µF, CIN = 10µF, COUT = 10µF, Typical values are at TA = 25
oC, unless otherwise noted.
Note 1: Effective series resistance (ESR) of capacitors is < 0.1
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com