Electronic Components Datasheet Search
  English  ▼

X  

AME7730 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME7730
Description  100mA Regulated Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME7730 Datasheet(HTML) 1 Page - Analog Microelectronics

  AME7730 Datasheet HTML 1Page - Analog Microelectronics AME7730 Datasheet HTML 2Page - Analog Microelectronics AME7730 Datasheet HTML 3Page - Analog Microelectronics AME7730 Datasheet HTML 4Page - Analog Microelectronics AME7730 Datasheet HTML 5Page - Analog Microelectronics AME7730 Datasheet HTML 6Page - Analog Microelectronics AME7730 Datasheet HTML 7Page - Analog Microelectronics AME7730 Datasheet HTML 8Page - Analog Microelectronics AME7730 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AME, Inc.
Rev.A.01
1
AME7730
100mA Regulated Charge Pump
n Functional Block Diagram
l
Input Voltage Range: 2.7V to 5V
l
Accurate to with ±4%
l Output Current: 100mA with V
IN >= 3.0V
50mA with V
IN >= 2.7V
l
1MHz Switching Frequency
l
Shutdown Mode < 1
µA
l
Short Circuit Protection
l
Over Temperature Protection
l
All AME's Lead Free Product Meet RoHS
Standards
The AME7730 is a charge pump voltage doublers that
delivers a regulated output. No external inductor is re-
quired for operation. Using three small capacitors, the
AME7730 can deliver up to 100mA to the voltage regu-
lated output. The AME7730 features very low output ripple
and high efficiency over a large portion of its load range
making this device ideal for battery-powered applications.
Furthermore, the combination of few external components
and small package size keeps the total converter board
area to a minimum in space restricted applications.
The AME7730 contains a thermal management circuit
to protect the device under continuous output short cir-
cuit conditions.
The AME7730 is available in SOT-26 / TSOT-26 pack-
age and is rated from -40OC to 85OC.
l Cellular Phones
l Digital Cameras
l PDAs LCD displays
l LED / Display Back Light Driver
l LEDs for Comera Flash
n General Description
n Features
n Applications
n Typical Application
Control
EA
φ2
φ1
φ1
φ2
φ2
φ1
EN
C-
C+
V
IN
V
OUT
GND
AME
7730
V
OUT
C+
EN
C-
GND
V
IN
C
IN=10µF
C
OUT=10µF
ON OFF
V
IN
V
OUT
3.0V to 5V
5V / 100mA
C
FLY = 1µF


Similar Part No. - AME7730

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
Step-Up / Step-Down 60mA Regulated Charge Pump
AME7739AEEY330Z AME-AME7739AEEY330Z Datasheet
169Kb / 11P
Step-Up / Step-Down 60mA Regulated Charge Pump
AME7739AEEY500Z AME-AME7739AEEY500Z Datasheet
169Kb / 11P
Step-Up / Step-Down 60mA Regulated Charge Pump
AME7739AEEY550Z AME-AME7739AEEY550Z Datasheet
169Kb / 11P
Step-Up / Step-Down 60mA Regulated Charge Pump
More results

Similar Description - AME7730

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
MicroPower??Regulated Charge Pump
logo
ON Semiconductor
NIS6201 ONSEMI-NIS6201 Datasheet
44Kb / 4P
Floating, Regulated Charge Pump
May, 2004 ??Rev. P2
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3 Datasheet
185Kb / 12P
100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
MicroPower??Regulated Charge Pump
3111.2006.06.1.3
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
100mA REGULATED CHARGE PUMP
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
Regulated Charge Pump 5V 100mA
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
MicroPower Regulated Charge Pump
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3_15 Datasheet
170Kb / 12P
100mA Regulated Charge-Pump Inverters in ThinSOT
LTC1983-5 LINER-LTC1983-5_15 Datasheet
170Kb / 12P
100mA Regulated Charge-Pump Inverters in ThinSOT
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com