Electronic Components Datasheet Search
  English  ▼

X  

AS2940 Datasheet(PDF) 8 Page - Sipex Corporation

Part # AS2940
Description  1A Low Dropout Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS2940 Datasheet(HTML) 8 Page - Sipex Corporation

  AS2940 Datasheet HTML 1Page - Sipex Corporation AS2940 Datasheet HTML 2Page - Sipex Corporation AS2940 Datasheet HTML 3Page - Sipex Corporation AS2940 Datasheet HTML 4Page - Sipex Corporation AS2940 Datasheet HTML 5Page - Sipex Corporation AS2940 Datasheet HTML 6Page - Sipex Corporation AS2940 Datasheet HTML 7Page - Sipex Corporation AS2940 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Rev. 10/11/00
AS2940
APPLICATION HINTS
External Capacitors
A minimum capacitance of 22
µF and conditions on ESR (Equivalent Series Resistance) must be met. The minimum value for the capacitance is
22
µF and can be increased without limit. However the ESR may cause loop instability if it is too high or too low. The following graph shows the
acceptable range for the ESR.
If the capacitor does not meet these requirements oscillation can result.
ESR is specified only at room temperature. Therefore the designer must ensure the proper behavior of the ESR over the temperature range. ESR, for
electrolytic capacitor, will increase by about 30X as the temperature is reduced from 25
°C to -40°C. Aluminum electrolytic capacitors are not well
suited for low temperature operation.
Solid tantalum capacitors’ ESR are more stable over temperature, but expensive. A cost-effective approach is then to put in parallel a solid tantalum
and a aluminum electrolytic capacitors in the ratio25/75%.
Thermal Consideration
Although the AS2940 offers some limiting circuitry for overload conditions, it is necessary not to exceed the maximum junction temperature, and
therefore to be careful about thermal resistance. The heat flow will follow the lowest resistance path, which is the Junction-to-case thermal
resistance. In order to insure the best
thermal flow of the component, a proper mounting is required. Note that the case of the device is electrically connected to the output. In case the
case has to be electrically isolated, a thermally conductive spacer can be used. However do not forget to consider its contribution to thermal
resistance.
Formulas for calculating the power dissipated in the regulator are the following:
IIN = IL + IG
PD = (VIN + VOUT) * IL + VIN * IG
Where IIN is the input current, IL is the load current, IG is the ground current, PD is the power dissipated, VIN is the input voltage and VOUT is the
output voltage.
Output Capacitor ESR
OUTPUT CURRENT (mA)
1000
800
600
400
0
200
0.01
0.1
1
10
100
C
OUT = 22 µF
V
O = 5V
STABLE
REGION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com