Electronic Components Datasheet Search
  English  ▼

X  

AS2940 Datasheet(PDF) 6 Page - Sipex Corporation

Part # AS2940
Description  1A Low Dropout Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS2940 Datasheet(HTML) 6 Page - Sipex Corporation

  AS2940 Datasheet HTML 1Page - Sipex Corporation AS2940 Datasheet HTML 2Page - Sipex Corporation AS2940 Datasheet HTML 3Page - Sipex Corporation AS2940 Datasheet HTML 4Page - Sipex Corporation AS2940 Datasheet HTML 5Page - Sipex Corporation AS2940 Datasheet HTML 6Page - Sipex Corporation AS2940 Datasheet HTML 7Page - Sipex Corporation AS2940 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Rev. 10/11/00
AS2940
ELECTRICAL CHARACTERISTICS VIN = VO + 5V, IO =1A, CO = 22 µF, unless otherwise specified.
20
10
0
-10
-20
-30
0V
-10
0
1020
3040
TIME (
µ
µµ
µs)
Quiescent Current
30
50
60
3V
~
~
~
~
~
~
~
~
-10
0
1020
3040
TIME (
µ
µµ
µs)
0
0.5
1.0
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
Load Transient Response
V
IN = 10V
C
OUT = 22 µF
T
J = 25 °C
V
O = 5V
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
Ripple Rejection
V
IN = 10V
C
OUT = 22 µF
T
J = 10 mA
V
O = 5V
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
Output Impedance
V
IN = 10V
C
OUT = 22 µF
T
J = 50 mA
V
O = 5V
10.00
5.00
2.00
1.00
0.50
0.20
0.10
0.05
0.02
0.01
95
85
75
65
55
45
35
AMBIENT TEMPERATURE ( °C)
Maximum Power Dissipation (TO-220)
AMBIENT TEMPERATURE ( °C/W)
Maximum Power Dissipation (TO-3)
0
1020
3040
5060
7080
90
100
010
20
30
60
50
80
70
90
40
100
22
20
18
16
14
12
10
8
6
4
2
0
0
2
4
6
8
10
12
14
16
18
20
22
INFINITE HEAT SINK
10 °C/W HEAT SINK
NO HEAT SINK
NO HEAT SINK
10 °C/W HEAT SINK
INFINITE HEAT SINK
AMBIENT TEMPERATURE ( °C)
Maximum Power Dissipation (TO-263) (See Note 3)
0
1020
3040
5060
7080
90
100
0
1
2
3
4
Θ
JA = 73 °C/W
Θ
JA = 50 °C/W
ΘJA = 37 °C/W
Θ
JA = 32 °C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com