Electronic Components Datasheet Search
  English  ▼

X  

SMW Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # SMW
Description  SpiceLED InGaN White M-Spice
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SMW Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  SMW Datasheet HTML 1Page - DOMINANT Semiconductors SMW Datasheet HTML 2Page - DOMINANT Semiconductors SMW Datasheet HTML 3Page - DOMINANT Semiconductors SMW Datasheet HTML 4Page - DOMINANT Semiconductors SMW Datasheet HTML 5Page - DOMINANT Semiconductors SMW Datasheet HTML 6Page - DOMINANT Semiconductors SMW Datasheet HTML 7Page - DOMINANT Semiconductors SMW Datasheet HTML 8Page - DOMINANT Semiconductors SMW Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
23/02/2006 V1.0
1
Features:
> High brightness surface mount LED.
> Super wide viewing angle of 160°.
> Equivalent to 0805 package outline. Copper lead-frame construction.
> Excellent ESD threshold; > 2000V (HBM).
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to both IR reflow soldering and TTW soldering.
> Environmental friendly; RoHS compliance.
SpiceLEDTM
Like spice, its diminutive size is a stark contrast to its standout performance
in terms of brightness, durability and reliability. Despite being the smallest in
size yet the SpiceLED™ packs a powerful performance and is a highly reliable
design device. Its versality enables its application in automotive applicances,
key-pad illumination, hand-held devices such as PDAs, notebooks, compact
back-lighting applications, consumer appliances, office equipment, audio and
video equipment.
DATA SHEET:
SpiceLEDTM
InGaN White M-Spice : SMW-ULD
© 2005 SpiceLED is a trademark of DOMINANT Semiconductors.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive: interior applications, eg: switches, telematics,
climate control system, dashboard, etc.
> Consumer Appliances: LCD illumination as in PDAs, LCD TV.
> Communication: indicator and backlight in mobilephone.
> Display: full color display video notice board.
> Industry: white goods (eg: Oven, microwave, etc.).
DOMINANTTM
Semiconductors
Innovating Illumination


Similar Part No. - SMW

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
SMW-208 MOBILEMARK-SMW-208 Datasheet
129Kb / 1P
2X MIMO 5G SURFACE MOUNT ANTENNA
06/2023
SMW-208-3C3C-WHT-12 MOBILEMARK-SMW-208-3C3C-WHT-12 Datasheet
129Kb / 1P
2X MIMO 5G SURFACE MOUNT ANTENNA
06/2023
SMW-301 MOBILEMARK-SMW-301 Datasheet
323Kb / 1P
SMW-301 multiband, 3-cable SMW-301 multiband, 3-cable
9/2018
SMW-301-3C3C2C-WHT-180 MOBILEMARK-SMW-301-3C3C2C-WHT-180 Datasheet
323Kb / 1P
SMW-301 multiband, 3-cable SMW-301 multiband, 3-cable
9/2018
SMW-302 MOBILEMARK-SMW-302 Datasheet
242Kb / 1P
SMW-302 multiband, 3-cable Cellular, AWS/UMTS & GPS
4/2016
More results

Similar Description - SMW

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SSW-ULD DOMINANT-SSW-ULD Datasheet
780Kb / 12P
SpiceLED InGaN White S-Spice
SSW-SLD DOMINANT-SSW-SLD Datasheet
778Kb / 12P
SpiceLED InGaN White S-Spice
SST-ULD-ST1-1 DOMINANT-SST-ULD-ST1-1 Datasheet
784Kb / 11P
SpiceLED InGaN S-Spice
SST-SLD-L2N1-1 DOMINANT-SST-SLD-L2N1-1 Datasheet
788Kb / 12P
SpiceLED InGaN S-Spice
SSS-CLD-HJ2-I2 DOMINANT-SSS-CLD-HJ2-I2 Datasheet
779Kb / 11P
SpiceLED AlInGaP S-Spice
SMW-SLD DOMINANT-SMW-SLD Datasheet
612Kb / 12P
SpiceLED InGaN White M-Spice
SMT-ULD-ST1-1 DOMINANT-SMT-ULD-ST1-1 Datasheet
619Kb / 11P
SpiceLED InGaN M-Spice
SMT-SLD-L2N1-1 DOMINANT-SMT-SLD-L2N1-1 Datasheet
625Kb / 12P
SpiceLED InGaN M-Spice
DDW-DJD-UV2-1 DOMINANT-DDW-DJD-UV2-1 Datasheet
770Kb / 12P
LED InGaN White
SSX-CLD-I2 DOMINANT-SSX-CLD-I2_16 Datasheet
967Kb / 14P
SpiceLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com