Electronic Components Datasheet Search
  English  ▼

X  

SMW Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # SMW
Description  SpiceLED InGaN White M-Spice
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SMW Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  SMW Datasheet HTML 1Page - DOMINANT Semiconductors SMW Datasheet HTML 2Page - DOMINANT Semiconductors SMW Datasheet HTML 3Page - DOMINANT Semiconductors SMW Datasheet HTML 4Page - DOMINANT Semiconductors SMW Datasheet HTML 5Page - DOMINANT Semiconductors SMW Datasheet HTML 6Page - DOMINANT Semiconductors SMW Datasheet HTML 7Page - DOMINANT Semiconductors SMW Datasheet HTML 8Page - DOMINANT Semiconductors SMW Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
23/02/2006 V1.0
2
SMW-ULD-ST2-1
• SMW-ULD-S1
• SMW-ULD-S2
• SMW-ULD-T1
• SMW-ULD-T2
InGaN
White
160
180.00 - 450.00
180.00 - 224.00
224.00 - 285.00
285.00 - 355.00
355.00 - 450.00
InGaN White M-Spice : SMW-ULD
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 20mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 3000 units per reel.
2. Other luminious intensity groups are also available upon request
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com