Electronic Components Datasheet Search
  English  ▼

X  

ST3000DM009 Datasheet(PDF) 32 Page - Seagate Technology LLC

Part # ST3000DM009
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST3000DM009 Datasheet(HTML) 32 Page - Seagate Technology LLC

Back Button ST3000DM009 Datasheet HTML 28Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 29Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 30Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 31Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 32Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 33Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 34Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 35Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 36Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
31
www.seagate.com
SATA Interface
5.3.1 Identify Device command
The Identify Device command (command code ECH) transfers information about the drive to the host following power up.
The data is organized as a single 512-byte block of data, whose contents are shown in on page 29. All reserved bits or
words should be set to zero. Parameters listed with an “x” are drive-specific or vary with the state of the drive.
The following commands contain drive-specific features that may not be included in the SATA specification.
Table 9
Identify Device commands
Word
Description
Value
0
Configuration information:
• Bit 15: 0 = ATA; 1 = ATAPI
• Bit 7: removable media
• Bit 6: removable controller
• Bit 0: reserved
0C5AH
1
Number of logical cylinders
16,383
2
ATA-reserved
0000H
3
Number of logical heads
16
4
Retired
0000H
5
Retired
0000H
6
Number of logical sectors per logical track: 63
003FH
7–9
Retired
0000H
10–19
Serial number: (20 ASCII characters, 0000H = none)
ASCII
20
Retired
0000H
21
Retired
0400H
22
Obsolete
0000H
23–26
Firmware revision
(8 ASCII character string, padded with blanks to end of string)
x.xx
27–46
Drive model number:
(40 ASCII characters, padded with blanks to end of string)
47
(Bits 7–0) Maximum sectors per interrupt on Read multiple and Write multiple
(16)
8010H
48
Reserved
0000H
49
Standard Standby timer, IORDY supported and may be disabled
2F00H
50
ATA-reserved
0000H
51
PIO data-transfer cycle timing mode
0200H
52
Retired
0200H
53
Words 54–58, 64–70 and 88 are valid
0007H
54
Number of current logical cylinders
xxxxH
55
Number of current logical heads
xxxxH
56
Number of current logical sectors per logical track
xxxxH
57–58
Current capacity in sectors
xxxxH
59
Number of sectors transferred during a Read Multiple
or Write Multiple command
xxxxH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com