Electronic Components Datasheet Search
  English  ▼

X  

ST3000DM009 Datasheet(PDF) 16 Page - Seagate Technology LLC

Part # ST3000DM009
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST3000DM009 Datasheet(HTML) 16 Page - Seagate Technology LLC

Back Button ST3000DM009 Datasheet HTML 12Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 13Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 14Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 15Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 16Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 17Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 18Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 19Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 20Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
15
www.seagate.com
Drive Specifications
2.9
Environmental specifications
This section provides the temperature, humidity, shock, and vibration specifications. Ambient temperature is defined as
the temperature of the environment immediately surrounding the drive. Above 1000ft. (305 meters), the maximum
temperature is derated linearly by 1°C every 1000 ft.
Refer to Section 3.4 Drive mounting for base plate measurement location.
2.9.1 Ambient temperature
†
Seagate does not recommend operating at sustained case temperatures above 60°C.
Operating at higher temperatures will reduce useful life of the product.
2.9.2 Temperature gradient
2.9.3 Humidity
2.9.3.1
Relative humidity
2.9.3.2
Wet bulb temperature
2.9.4 Altitude
Non-Operating ambient temperature (°C)
–40° to 70°
Operating ambient temperature (min °C)
0°
Operating temperature (Drive case max °C)
60° †
Operating
20°C per hour (68°F per hour max), without condensation
Non-operating
30°C per hour (86°F per hour max)
Operating
5% to 95% non-condensing (30% per hour max)
Non-operating
5% to 95% non-condensing (30% per hour max)
Operating
26°C / 78.8°F (rated)
Non-operating
29°C / 84.2°F (rated)
Operating
–304.8m to 3048m (–1000 ft. to 10,000+ ft.)
Non-operating
–304.8m to 12,192m (–1000 ft. to 40,000+ ft.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com