Electronic Components Datasheet Search
  English  ▼

X  

1416640 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1416640
Description  SAC-5P-MINMR/10,0-547/MINFS - Power cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1416640 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1416640 Datasheet HTML 1Page - PHOENIX CONTACT 1416640 Datasheet HTML 2Page - PHOENIX CONTACT 1416640 Datasheet HTML 3Page - PHOENIX CONTACT 1416640 Datasheet HTML 4Page - PHOENIX CONTACT 1416640 Datasheet HTML 5Page - PHOENIX CONTACT 1416640 Datasheet HTML 6Page - PHOENIX CONTACT 1416640 Datasheet HTML 7Page - PHOENIX CONTACT 1416640 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Power cable, 5-position, PVC, yellow, Plug angled 7/8"-16UNF, on Socket straight 7/8"-16UNF,
cable length: 10 m
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Commercial data
Item number
1416640
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
BF14
Product key
BF1IMA
GTIN
4055626221823
Weight per piece (including packing)
22.22 g
Weight per piece (excluding packing)
22.22 g
Customs tariff number
85444290
Country of origin
MX
SAC-5P-MINMR/10,0-547/MINFS - Power cable
1416640
https://www.phoenixcontact.com/us/products/1416640
Aug 26, 2024, 4:00 AM
Page 1 (8)


Similar Part No. - 1416640

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1416641 PHOENIX-1416641 Datasheet
459Kb / 14P
SAC-5P-MINMR/ 2,0-547 - Power cable
1416642 PHOENIX-1416642 Datasheet
350Kb / 8P
SAC-5P-MINMR/ 5,0-547 - Power cable
1416643 PHOENIX-1416643 Datasheet
459Kb / 14P
SAC-5P-MINMR/10,0-547 - Power cable
1416644 PHOENIX-1416644 Datasheet
457Kb / 13P
SAC-5P-MINMS/ 2,0-547 - Power cable
1416645 PHOENIX-1416645 Datasheet
457Kb / 13P
SAC-5P-MINMS/ 5,0-547 - Power cable
More results

Similar Description - 1416640

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1438671 PHOENIX-1438671 Datasheet
63Kb / 4P
Cable - SAC-5P-10,0-PVC/AD-2L
1418426 PHOENIX-1418426 Datasheet
120Kb / 7P
Bus system cable - SAC-5P- 2,0-923/MINFS DN
09/11/2020
1424957 PHOENIX-1424957 Datasheet
133Kb / 9P
Sensor/actuator cable - SAC-5P- 2,0-547/FS SCO BK
09/11/2020
1424958 PHOENIX-1424958 Datasheet
133Kb / 9P
Sensor/actuator cable - SAC-5P-10,0-547/FS SCO BK
09/11/2020
1454448 PHOENIX-1454448 Datasheet
121Kb / 9P
Sensor/actuator cable - SAC-5P-10,0-802/M12FS
09/11/2020
1531950 PHOENIX-1531950 Datasheet
122Kb / 8P
Sensor/actuator cable - SAC-5P-MINMR/ 4,0-400
09/11/2020
1683374 PHOENIX-1683374 Datasheet
134Kb / 10P
Sensor/actuator cable - SAC-5P-10,0-PUR/M12FS
09/11/2020
1507492 PHOENIX-1507492 Datasheet
1Mb / 19P
SAC-5P-10,0-920/M12FS - Bus system cable
1507133 PHOENIX-1507133 Datasheet
1Mb / 23P
SAC-5P-10,0-900/M12FSB - Bus system cable
1507447 PHOENIX-1507447 Datasheet
764Kb / 20P
SAC-5P-M12MS/10,0-920 - Bus system cable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com