Electronic Components Datasheet Search
  English  ▼

X  

1416640 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1416640
Description  SAC-5P-MINMR/10,0-547/MINFS - Power cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1416640 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1416640 Datasheet HTML 1Page - PHOENIX CONTACT 1416640 Datasheet HTML 2Page - PHOENIX CONTACT 1416640 Datasheet HTML 3Page - PHOENIX CONTACT 1416640 Datasheet HTML 4Page - PHOENIX CONTACT 1416640 Datasheet HTML 5Page - PHOENIX CONTACT 1416640 Datasheet HTML 6Page - PHOENIX CONTACT 1416640 Datasheet HTML 7Page - PHOENIX CONTACT 1416640 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Notes
Trade restriction
CE note
The products are offered exclusively for export outside the EU
and the European Economic Area.
Product properties
Product type
Sensor/actuator cable
Application
Standard
Number of positions
5
No. of cable outlets
1
Shielded
no
Coding
A
Material specifications
Flammability rating according to UL 94
V0
Material of grip body
PVC
Contact material
CuZn
Contact surface material
Au
Contact carrier material
PVC
Material for screw connection
Anodized aluminum
Electrical properties
Insulation resistance
≥ 100 MΩ
300 V AC
Nominal voltage UN
300 V DC
Nominal current IN
8 A
Mechanical properties
Mechanical data
Insertion/withdrawal cycles
100
Signaling
Status display
no
Status display present
No
Connection data
Conductor connection
10 lbf-in.
Tightening torque
1.12 Nm
Connector
SAC-5P-MINMR/10,0-547/MINFS - Power cable
1416640
https://www.phoenixcontact.com/us/products/1416640
Aug 26, 2024, 4:00 AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com