Electronic Components Datasheet Search
  English  ▼

X  

KFM Datasheet(PDF) 1 Page - Sullins Connector Solutions

Part # KFM
Description  .100” [2.54 mm] Contact Centers, Female Headers,Straight/Right Angle/SMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SULLINS [Sullins Connector Solutions]
Direct Link  https://www.sullinscorp.com/
Logo SULLINS - Sullins Connector Solutions

KFM Datasheet(HTML) 1 Page - Sullins Connector Solutions

  KFM Datasheet HTML 1Page - Sullins Connector Solutions KFM Datasheet HTML 2Page - Sullins Connector Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
118
www.sullinscorp.com | 760-744-0125 | toll-free 888-774-3100 | fax 760-744-6081 | info@sullinscorp.com
Headers
.100” [2.54 mm] Contact Centers, Female Headers,
Straight/Right Angle/SMT
TERMINATION TYPE
P/N
CODE ROWS
TERMINATION
TYPE
A
B
TAIL
LFB
1
STRAIGHT
.335” [8.50]
.100” [2.54]
.126” [3.20]
2
STRAIGHT
.335” [8.50]
.200” [5.08]
.126” [3.20]
P/N
CODE ROWS
TERMINATION
TYPE
A
B
TAIL
LGB
1
RIGHT ANGLE
.335” [8.50] 0.100” [2.54]
.124” [3.15]
LJB
2
RIGHT ANGLE
.335” [8.50] 0.200” [5.08]
.124” [3.15]
P/N
CODE ROWS
TERMINATION
TYPE
ENTRY
A
B
TAIL
KFX
1
SMT
TOP ENTRY .280” [7.10] .098” [2.50] .169” [4.30]
KFM
2
SMT
TOP ENTRY .280” [7.10] .197” [5.00] .270” [6.85]
P/N
CODE ROWS
MODIFI-
CATION
# OF
SPACERS
A
B
TAIL
LFH
2
M44
1
.435” [11.04]
.725” [18.42]
.291” [7.38]
2
M45
2
.535” [13.58]
.725” [18.42]
.191” [4.84]
2
M46
3
.635” [16.12]
.725” [18.42]
.091” [2.30]
2
M50
1
.435” [11.04]
.525” [13.34]
.091” [2.30]
2
M51
1
.435” [11.04]
.915” [23.24] .480” [12.20]
2
M52
2
.535” [13.58]
.915” [23.24]
.380” [9.65]
2
M53
3
.635” [16.12]
.914” [23.22]
.280” [7.10]
2
M54
4
.735” [18.66]
.916” [23.26]
.181” [4.60]
STRAIGHT
RIGHT ANGLE
SMT
2 ROW STRAIGHT WITH
ELEVATED SPACER
TAIL
TAIL
A
B
A
B
B
Refer to
Mounting Style
TAIL
B
TAIL
A
.200”[5.08]
A
MOUNTING STYLE
One Row SMT,
Pin 1 Right (D)
One Row SMT,
Pin 1 Left (C)
No Mounting
Standard (N)
Two Row SMT,
Without Guide Post (S)
Two Row SMT,
With Guide Post (P)
Guide Post
PIN 1
PIN 1
SPECIFICATIONS
• 3 Amps current rating
• UL Flammability Rating: 94V-0
• Insulator Material: PBT, Nylon
• Contact Material: Phosphor Bronze


Similar Part No. - KFM

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
KFM ILLINOISCAPACITOR-KFM Datasheet
201Kb / 4P
High temperature - High voltage ??Long Life (10k Hrs)
logo
Cooper Bussmann, Inc.
KFM COOPER-KFM Datasheet
716Kb / 6P
250V and 600V cable limiters
logo
Eaton All Rights Reserv...
KFM EATON-KFM Datasheet
1Mb / 5P
250 V and 600 V cable limiters
logo
PACELEADER INDUSTRIAL
KFM10100C-D PACELEADER-KFM10100C-D Datasheet
310Kb / 3P
SCHOTTKY BARRIER RECTIFIER
KFM10150C-D PACELEADER-KFM10150C-D Datasheet
310Kb / 3P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - KFM

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
.100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
.100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
logo
Dubilier
DBCIDCB7S04AG1 DUBILIER-DBCIDCB7S04AG1 Datasheet
144Kb / 1P
FEMALE HEADERS FEMALE HEADERS RIGHT ANGLE - 8.4mm PROFILE
logo
List of Unclassifed Man...
EBC05DREN-S93 ETC-EBC05DREN-S93 Datasheet
111Kb / 2P
.100 2.54 mm Contact Centers, .431 10.95 mm Insulator Height
logo
Adam Technologies, Inc.
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
logo
List of Unclassifed Man...
PBC08SAAN ETC2-PBC08SAAN Datasheet
111Kb / 2P
.100 2.54mm Contact Centers, Male Breakaway Header Dip Solder/Right Angle/SMT
PBC04DFAN ETC2-PBC04DFAN Datasheet
111Kb / 2P
100 2.54mm Contact Centers, Male Breakaway Header Dip Solder/Right Angle/SMT
FMC13DRYH ETC2-FMC13DRYH Datasheet
731Kb / 2P
.100 2.54 mm Contact Centers, .431 10.95 mm Insulator Height, Dip Solder/Eyelet/Right Angle for .062 1.57 mm or .031 0.79 mm Mating PCB
GRPB052VWVN-RC ETC2-GRPB052VWVN-RC Datasheet
467Kb / 2P
.050” [1.27 mm] Contact Centers, Male Headers, Straight/Right Angle/SMT
GRPBXX1VWVN-RC ETC-GRPBXX1VWVN-RC Datasheet
467Kb / 2P
.050” [1.27 mm] Contact Centers, Male Headers,Straight/Right Angle/SMT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com