Electronic Components Datasheet Search
  English  ▼

X  

KFM Datasheet(PDF) 2 Page - Sullins Connector Solutions

Part # KFM
Description  .100” [2.54 mm] Contact Centers, Female Headers,Straight/Right Angle/SMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SULLINS [Sullins Connector Solutions]
Direct Link  https://www.sullinscorp.com/
Logo SULLINS - Sullins Connector Solutions

KFM Datasheet(HTML) 2 Page - Sullins Connector Solutions

  KFM Datasheet HTML 1Page - Sullins Connector Solutions KFM Datasheet HTML 2Page - Sullins Connector Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
119
www.sullinscorp.com | 760-744-0125 | toll-free 888-774-3100 | fax 760-744-6081 | info@sullinscorp.com
Headers
.100” [2.54 mm] Contact Centers, Female Headers,
Straight/Right Angle/SMT
MATERIALS (INSULATOR/CONTACT)
PP = Polyester/Phosphor Bronze (Thru Hole Only)
NP = Nylon/Phosphor Bronze
LP = LCP/Phosphor Bronze (SMT Only)
P = Gold Flash Overall
T = Tin Overall
CONTACT FINISH - RoHS Compliant
CONTACT CENTERS
NUMBER OF POSITIONS
1 = Single Row
2 = Dual Row
RoHS Compliant
MOUNTING STYLE
N = No Mounting
C = SMT, Single Row, pin 1 Left
D = SMT, Single Row, pin 1 Right
P = SMT, Dual Row with guide posts
S = SMT, Dual Row without guide posts
TERMINATION TYPE
Contact per row, 02 Thru 40
NUMBER OF ROWS (Opposite Page)
LFB = Straight
LGB = Single Row Right Angle
LJB = Dual Row Right Angle
KFX = Single Row SMT (NP & LP Only)
KFM = Dual Row SMT (NP & LP Only)
LFH = Dual Row Straight with Elevated Spacer
(Requires Modification see Opposite Page)
PP P C 36 1 LFB N - Mxx RC
C = .100” [2.54 mm]
PART NUMBER OPTIONS
MODIFICATION (Consult Factory)
PCB LAYOUT
Required for LFH Termination
See Termination Type on Opposite Page
Recommended P.C.Board
Hole Layout
.100”[2.54]
Ø.040”[1.02]
A
.100”
[2.54]
Ø.040”[1.02]
A
.100”
[2.54]
DIMENSIONS Dimensions in [ ] are in millimeters, all others are in inches.
SINGLE READOUT,
.030X.016
[0.75X0.40]
DUAL READOUT,
STRAIGHT TAIL SHOWN
WITH ELEVATED SPACER SHOWN
STRAIGHT TAIL SHOWN
.236[6.00]
INSERTION DEPTH
.236[6.00]
INSERTION DEPTH
.050[1.27]
.100[2.54]
B
A
B
.050[1.27]
.100[2.54]
A
DUAL READOUT STRAIGHT TAIL
B
A
.100[2.54]
.030X.016
[0.75X0.40]
NUMBER OF
POSITIONS
NUMBER OF
CONTACTS
A
B
1
Row
2
Row
in
mm
in
mm
02
2
4
.100
2.54
.220
5.58
03
3
6
.200
5.08
.320
8.12
04
4
8
.300
7.62
.420
10.66
05
5
10
.400
10.16
.520
13.20
06
6
12
.500
12.70
.620
15.74
07
7
14
.600
15.24
.720
18.28
08
8
16
.700
17.78
.820
20.82
09
9
18
.800
20.32
.920
23.36
10
10
20
.900
22.86
1.020
25.90
11
11
22
1.000
25.40
1.120
28.44
12
12
24
1.100
27.94
1.220
30.98
13
13
26
1.200
30.48
1.320
33.52
14
14
28
1.300
33.02
1.420
36.06
15
15
30
1.400
35.56
1.520
38.60
16
16
32
1.500
38.10
1.620
41.14
17
17
34
1.600
40.64
1.720
43.68
18
18
36
1.700
43.18
1.820
46.22
19
19
38
1.800
45.72
1.920
48.76
20
20
40
1.900
48.26
2.020
51.30
21
21
42
2.000
50.80
2.120
53.84
NUMBER OF
POSITIONS
NUMBER OF
CONTACTS
A
B
1
Row
2
Row
in
mm
in
mm
22
22
44
2.100
53.34
2.220
56.38
23
23
46
2.200
55.88
2.320
58.92
24
24
48
2.300
58.42
2.420
61.46
25
25
50
2.400
60.96
2.520
64.00
26
26
52
2.500
63.50
2.620
66.54
27
27
54
2.600
66.04
2.720
69.08
28
28
56
2.700
68.58
2.820
71.62
29
29
58
2.800
71.12
2.920
74.16
30
30
60
2.900
73.66
3.020
76.70
31
31
62
3.000
76.20
3.120
79.24
32
32
64
3.100
78.74
3.220
81.78
33
33
66
3.200
81.28
3.320
84.32
34
34
68
3.300
83.82
3.420
86.86
35
35
70
3.400
86.36
3.520
89.40
36
36
72
3.500
88.90
3.620
91.94
37
37
74
3.600
91.44
3.720
94.48
38
38
76
3.700
93.98
3.820
97.02
39
39
78
3.800
96.52
3.920
99.56
40
40
80
3.900
99.06
4.020
102.10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com