Electronic Components Datasheet Search
  English  ▼

X  

TPM749 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TPM749
Description  Microcontroller with TrackPoint microcode from IBM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TPM749 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TPM749 Datasheet HTML 6Page - NXP Semiconductors TPM749 Datasheet HTML 7Page - NXP Semiconductors TPM749 Datasheet HTML 8Page - NXP Semiconductors TPM749 Datasheet HTML 9Page - NXP Semiconductors TPM749 Datasheet HTML 10Page - NXP Semiconductors TPM749 Datasheet HTML 11Page - NXP Semiconductors TPM749 Datasheet HTML 12Page - NXP Semiconductors TPM749 Datasheet HTML 13Page - NXP Semiconductors TPM749 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
Product specification
TPM749
Microcontroller with TrackPoint
™ microcode from IBM
1996 May 01
10
4MHz
8MHz
12MHz
FREQ
MAX ACTIVE ICC
6
TYP ACTIVE ICC
6
MAX IDLE ICC
7
TYP IDLE ICC
7
ICC mA
2
4
6
8
10
12
14
16
18
20
22
SU00693
Figure 5. ICC vs. FREQ
Maximum ICC values taken at VCC = 5.5V and worst case temperature.
Typical ICC values taken at VCC = 5.0V and 25°C.
Notes 6 and 7 refer to AC Electrical Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com