Electronic Components Datasheet Search
  English  ▼

X  

TCP863-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TCP863-DOC
Description  4 Channel High Speed Synch/Asynch Serial Interface
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCP863-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TCP863-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TCP863-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TCP863-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Embedded I/O Company
TCP863
4 Channel High Speed Synch/Asynch Serial Interface
Application Information
The TCP863 is a standard 3U 32 bit CompactPCI module
with four high speed serial data communication channels.
The TCP863 is the successor of the discontinued
TCP862, providing similar functionality and full connector
and pin-out compatibility.
The TCP863-10R provides front panel I/O via HD68 SCSI-
3 type connector and TCP863-20R additionally provides
rear I/O via J2.
The serial communication controller is implemented in
FPGA logic, along with the bus master capable PCI
interface, guaranteeing long term availability and having
the option to implement additional functions in the future.
Each channel provides dedicated receive and transmit
FIFOs for high data throughput.
Data transfer on the PCI bus is handled via TCP863
initiated DMA cycles with minimum host/CPU intervention.
Several serial communication protocols are supported by
each
channel,
such
as
asynchronous,
isochronous,
synchronous and HDLC mode.
A 14.7456 MHz oscillator provides standard asynchronous
baud rates. An additional 24 MHz oscillator is provided for
other baud rates. A 10 MHz oscillator is used for the
synchronous baud rate of 10 Mbit/s.
Each channel also provides various interrupt sources,
generated on INTA. The interrupt sources can be enabled
or disabled individually.
Multiprotocol transceivers are used for the line interface.
The
physical
interface
is
selectable
by
software,
individually for each channel as EIA-232, EIA-422,
EIA-449, EIA-530, EIA-530A, V.35, V.36 or X.21.
The following signals are provided by the TCP863 for each
channel
at
the
front
and
rear-I/O
connectors:
Receive Data (RxD +/-), Transmit Data (TxD +/-), Receive
Clock (RxC +/-), Transmit Clock (TxC +/-), Ready-To-Send
(RTS +/-),
Clear-To-Send
(CTS +/-),
Carrier-Detect
(CD +/-) and GND. Additionally serial channel 3 provides
Data-Set-Ready (DSR3 +/-)
and Data-Terminal-Ready
(DTR3 +/-) at the front I/O connector.
Driver support (TDRV009-SW-xx) for different operating
systems is available.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.3.1
2018-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TCP863-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCP862 TEWS-TCP862 Datasheet
73Kb / 2P
4 Channel High Speed Synch/Asynch Serial Interface
10/2009
TCP862-10 TEWS-TCP862-10 Datasheet
73Kb / 2P
4 Channel High Speed Synch/Asynch Serial Interface
10/2009
TCP862-20 TEWS-TCP862-20 Datasheet
73Kb / 2P
4 Channel High Speed Synch/Asynch Serial Interface
10/2009
TCP862-DOC TEWS-TCP862-DOC Datasheet
73Kb / 2P
4 Channel High Speed Synch/Asynch Serial Interface
10/2009
TCP862-ED TEWS-TCP862-ED Datasheet
73Kb / 2P
4 Channel High Speed Synch/Asynch Serial Interface
10/2009
More results

Similar Description - TCP863-DOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_1 Datasheet
706Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_10 Datasheet
1Mb / 17P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009_101 TI-TPD4S009_101 Datasheet
1Mb / 18P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
UESD4C05R UTC-UESD4C05R Datasheet
134Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Texas Instruments
TPD4S009 TI1-TPD4S009_14 Datasheet
1Mb / 20P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Rohm
BU17074KV ROHM-BU17074KV Datasheet
668Kb / 9P
High-speed differential serial interface
logo
Unisonic Technologies
TVS4S009 UTC-TVS4S009 Datasheet
142Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Melexis Microelectronic...
MLX90363 MELEXIS-MLX90363 Datasheet
1Mb / 57P
Triaxis짰 Magnetometer IC With High Speed Serial Interface
logo
Pulse A Technitrol Comp...
TM1250HSB5 PULSE-TM1250HSB5 Datasheet
693Kb / 4P
High Speed Serial Transceiver Line Interface Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com