Electronic Components Datasheet Search
  English  ▼

X  

TCP863-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TCP863-DOC
Description  4 Channel High Speed Synch/Asynch Serial Interface
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCP863-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TCP863-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TCP863-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TCP863-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The Embedded I/O Company
Technical Information
 Standard 3U 32 Bit CompactPCI module conforming
to PICMG 2.0 R3.0
 PCI 2.1 compliant master/slave interface
 3.3V and 5V PCI Signaling Voltage
 Board size: 160 mm x 100 mm
 Four high speed synchronous/asynchronous serial
interfaces
 Support of RxD, TxD, RxC, TxC, RTS, CTS, CD and
GND on HD68 front connector, parallel to
rear connector J2 (TCP863-20R); DTR3 and DSR3
only at front I/O
 Physical interface (individually programmable per
channel): EIA-232, EIA-422, EIA-449, EIA-530,
EIA-530A, V.35, V.36 and X.21
 Maximum data rate: 10 Mbit/s (synchronous), 2 Mbit/s
(asynchronous), internal or external provided clock
 EIA-232: up to 115.2 kbit/s
 Operating temperature range: -40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.3.1
2018-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com