Electronic Components Datasheet Search
  English  ▼

X  

PC44EPC13-Z Datasheet(PDF) 4 Page - TDK Electronics

Part # PC44EPC13-Z
Description  Ferrite for Switching Power Supplies
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PC44EPC13-Z Datasheet(HTML) 4 Page - TDK Electronics

  PC44EPC13-Z Datasheet HTML 1Page - TDK Electronics PC44EPC13-Z Datasheet HTML 2Page - TDK Electronics PC44EPC13-Z Datasheet HTML 3Page - TDK Electronics PC44EPC13-Z Datasheet HTML 4Page - TDK Electronics PC44EPC13-Z Datasheet HTML 5Page - TDK Electronics PC44EPC13-Z Datasheet HTML 6Page - TDK Electronics PC44EPC13-Z Datasheet HTML 7Page - TDK Electronics PC44EPC13-Z Datasheet HTML 8Page - TDK Electronics PC44EPC13-Z Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
(3/44)
002-03 / 20100305 / e143.fm
• All specifications are subject to change without notice.
PQ CORES
∗ AL-value: 1kHz, 0.5mA, 100Ts
∗∗ Core loss: 100kHz, 150mT, 100°C
∗∗∗ Core loss: 100kHz, 200mT, 25°C/80°C/120°C
DE. PAT. 2,944,583
DE. DES. 15,655
EP. PAT. 26,104(DE, FR, GB, NL)
GB. PAT. 2,035,706
GB. DES. 990,685
JP. U. M 1,589,580
JP. U. M 1,621,895
JP. U. M PUB.
85(60)-3556 1,647,781
JP. U. M PUB.
86(61)-5779 1655608
JP. DES. 580,081
JP. DES. 649,618
KR. U. M 23,487
NL. PAT. 178,826
NL. DES. 5,777
US. PAT. 4,352,080
US. DES. 264,959
A2
2D
2H
Part No.
Dimensions in mm
A1
A2
BøC
2D
E min.
2H
PC44PQ32/30Z-12
PC90PQ32/30Z-12
PC95PQ32/30Z-12
32.0±0.5
22.0±0.5
27.5±0.5
13.45±0.25
30.35±0.25
19.0
21.3±0.3
PC44PQ35/35Z-12
PC90PQ35/35Z-12
PC95PQ35/35Z-12
35.1±0.6
26.0±0.5
32.0±0.5
14.35±0.25
34.75±0.25
23.5
25.0±0.3
PC44PQ40/40Z-12
PC90PQ40/40Z-12
PC95PQ40/40Z-12
40.5±0.9
28.0±0.6
37.0±0.6
14.9±0.3
39.75±0.25
28.0
29.5±0.3
PC44PQ50/50Z-12
PC90PQ50/50Z-12
PC95PQ50/50Z-12
50.0±0.7
32.0±0.5
44.0±0.7
20.0±0.35
49.95±0.25
31.5
36.1±0.3
Part No.
Effective parameter
Electrical characteristics
Weight
(g)
C1
(mm–1)
Ae
(mm2)
e
(mm)
Ve
(mm3)
AL-value (nH/N2)∗
Core loss (W) max.
Without air gap
With air gap
100kHz, 200mT,
100°C
PC44PQ32/30Z-12
PC90PQ32/30Z-12
PC95PQ32/30Z-12
0.464
161
74.6
12000
5140±25%
4900±25%
7000±25%
160±5%
315±5%
630±7%
3.92
4.90
5.30/4.45/5.30∗∗∗
55
PC44PQ35/35Z-12
PC90PQ35/35Z-12
PC95PQ35/35Z-12
0.448
196
87.9
17300
4860±25%
4700±25%
7320±25%
160±5%
315±5%
630±7%
5.27
6.6
7.12/5.98/7.12∗∗∗
73
PC44PQ40/40Z-12
PC90PQ40/40Z-12
PC95PQ40/40Z-12
0.508
201
102
20500
4300±25%
4300±25%
6400±25%
160±5%
315±5%
630±7%
6.56
8.2
8.87/7.45/8.87∗∗∗
95
PC44PQ50/50Z-12
PC90PQ50/50Z-12
PC95PQ50/50Z-12
0.346
328
113
37200
6720±25%
6250±25%
9700±25%
250±5%
400±5%
630±5%
6.10∗∗
8.4
9.00/7.50/9.00∗∗∗
195



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com