Electronic Components Datasheet Search
  English  ▼

X  

PC44EPC13-Z Datasheet(PDF) 8 Page - TDK Electronics

Part # PC44EPC13-Z
Description  Ferrite for Switching Power Supplies
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PC44EPC13-Z Datasheet(HTML) 8 Page - TDK Electronics

Back Button PC44EPC13-Z Datasheet HTML 4Page - TDK Electronics PC44EPC13-Z Datasheet HTML 5Page - TDK Electronics PC44EPC13-Z Datasheet HTML 6Page - TDK Electronics PC44EPC13-Z Datasheet HTML 7Page - TDK Electronics PC44EPC13-Z Datasheet HTML 8Page - TDK Electronics PC44EPC13-Z Datasheet HTML 9Page - TDK Electronics PC44EPC13-Z Datasheet HTML 10Page - TDK Electronics PC44EPC13-Z Datasheet HTML 11Page - TDK Electronics PC44EPC13-Z Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
(7/44)
002-03 / 20100305 / e143.fm
• All specifications are subject to change without notice.
EP CORES
∗ AL-value: 1kHz, 0.5mA, 100Ts
2D
2H
E
Part No.
Dimensions in mm
ABøC
2D
E
2H
PC40EP7-Z
9.2±0.2
7.4±0.2
3.3±0.1
7.4±0.1
6.35±0.15
5.2±0.2
PC40EP10-Z
11.5±0.3
9.4±0.2
3.3±0.15
10.2±0.2
7.65±0.2
7.4±0.2
PC40EP13-Z
12.5±0.3
10.0±0.3
4.35±0.15
12.85±0.15
8.8±0.2
9.2±0.2
PC40EP17-Z
18.0±0.4
12.0±0.4
5.68±0.18
16.8±0.2
11.0±0.25
11.3±0.3
PC40EP20-Z
24.0±0.5
16.5±0.4
8.75±0.25
21.4±0.2
14.95±0.35
14.3±0.3
Part No.
Effective parameter
Electrical characteristics
Weight
(g)
C1
(mm–1)
Ae
(mm2)
e
(mm)
Ve
(mm3)
AL-value (nH/N2)∗
Core loss (W) max.
Without air gap
With air gap
100kHz, 200mT,
100°C
PC40EP7-Z
1.52
10.3
15.7
162
830 min.
63±3%
100±4%
0.065
1.4
PC40EP10-Z
1.70
11.3
19.2
217
800 min.
800±25%
63±3%
100±4%
0.08
2.8
PC40EP13-Z
1.24
19.5
24.2
472
1170 min.
1100±25%
100±3%
160±3%
0.17
5.1
PC40EP17-Z
0.84
33.9
28.5
966
1840 min.
100±5%
250±7%
0.33
12
PC40EP20-Z
0.508
78
39.8
3120
3200 min.
100±5%
250±7%
1.1
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com