Electronic Components Datasheet Search
  English  ▼

X  

OP07CPZ Datasheet(PDF) 11 Page - Analog Devices

Part # OP07CPZ
Description  Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP07CPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button OP07CPZ Datasheet HTML 7Page - Analog Devices OP07CPZ Datasheet HTML 8Page - Analog Devices OP07CPZ Datasheet HTML 9Page - Analog Devices OP07CPZ Datasheet HTML 10Page - Analog Devices OP07CPZ Datasheet HTML 11Page - Analog Devices OP07CPZ Datasheet HTML 12Page - Analog Devices OP07CPZ Datasheet HTML 13Page - Analog Devices OP07CPZ Datasheet HTML 14Page - Analog Devices OP07CPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
OP07
Rev. G | Page 11 of 16
TYPICAL APPLICATIONS
AD7115 OR
AD8510
+
6
EO
EIN
V+
V–
7
4
2
3
6
OP07C
A1
+
V–
V+
7
4
2
3
R3
3kΩ
R5
10kΩ
R2
100kΩ
RF
SUM MODE
BIAS
R1
EO = –EIN
–IB RF
RF
R1
Figure 26. Typical Offset Voltage Test Circuit
6
OP07C
+
–15V
+15V
7
4
2
3
EO
R5
2.5kΩ
E3
R3
10kΩ
E2
R2
10kΩ
E1
R1
10kΩ
R4
10kΩ
Figure 27. Typical Low Frequency Noise Circuit
6
OP07
+
V–
1
8
7
4
2
INPUT
3
+
OUT
V+
20kΩ
Figure 28. Optional Offset Nulling Circuit
OP07
+
6
EO
V+
V–
7
4
2
3
R5
10kΩ
R4
10kΩ
R3
10kΩ
EIN
±10V
=
R1
R3
R2
R4
R2
10kΩ
6
OP07
+
V–
V+
7
4
2
3
FD333
D1
FD333
D2
R1
10kΩ
0V TO +10V
Figure 29. Absolute Value Circuit
OP07C
A2
+
6
EO
EIN
V+
V–
7
4
2
3
6
OP07C
A1
+
V–
V+
7
4
2
3
R3
3kΩ
R1
10kΩ
R2
100kΩ
RF
SUM MODE
BIAS
R1
EO = –EIN
+ IB RF
RF
R1
NOTES
1. PINOUT SHOWN FOR P PACKAGE
Figure 30. High Speed, Low VOS Composite Amplifier
6
OP07
+
–15V
+15V
7
4
2
3
EO
R5
2.5kΩ
E3
R3
10kΩ
E2
R2
10kΩ
E1
R1
10kΩ
R4
10kΩ
NOTES
1. PINOUT SHOWN FOR P PACKAGE
Figure 31. Adjustment-Free Precision Summing Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com