Electronic Components Datasheet Search
  English  ▼

X  

OP07CPZ Datasheet(PDF) 12 Page - Analog Devices

Part # OP07CPZ
Description  Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP07CPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button OP07CPZ Datasheet HTML 8Page - Analog Devices OP07CPZ Datasheet HTML 9Page - Analog Devices OP07CPZ Datasheet HTML 10Page - Analog Devices OP07CPZ Datasheet HTML 11Page - Analog Devices OP07CPZ Datasheet HTML 12Page - Analog Devices OP07CPZ Datasheet HTML 13Page - Analog Devices OP07CPZ Datasheet HTML 14Page - Analog Devices OP07CPZ Datasheet HTML 15Page - Analog Devices OP07CPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
OP07
Data Sheet
Rev. G | Page 12 of 16
NOTES
1. PINOUT SHOWN FOR P PACKAGE
6
OP07
+
–
V–
V+
7
4
2
3
EO
R4
REFERENCE
JUNCTION
SENDING
JUNCTION
R3
R1
R2
=
R1
R3
R2
R4
Figure 32. High Stability Thermocouple Amplifier
OP07
A2
+
–
6
EO
V+
V–
7
4
2
3
R5
10kΩ
R4
10kΩ
R3
10kΩ
EIN
±10V
R2
10kΩ
6
OP07
A1
+
–
V–
V+
7
4
2
3
FD333
D1
FD333
D2
R1
10kΩ
0V TO +10V
NOTES
1. PINOUT SHOWN FOR P PACKAGE
VA
Figure 33. Precision Absolute-Value Circuit
APPLICATIONS INFORMATION
The OP07 provides stable operation with load capacitance of up
to 500 pF and ±10 V swings; larger capacitances should be
decoupled with a 50 Ω decoupling resistor.
Stray thermoelectric voltages generated by dissimilar metals at
the contacts to the input terminals can degrade drift
performance. Therefore, best operation is obtained when both
input contacts are maintained at the same temperature,
preferably close to the package temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com