Electronic Components Datasheet Search
  English  ▼

X  

OP177 Datasheet(PDF) 6 Page - Analog Devices

Part # OP177
Description  Ultraprecision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP177 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP177 Datasheet HTML 2Page - Analog Devices OP177 Datasheet HTML 3Page - Analog Devices OP177 Datasheet HTML 4Page - Analog Devices OP177 Datasheet HTML 5Page - Analog Devices OP177 Datasheet HTML 6Page - Analog Devices OP177 Datasheet HTML 7Page - Analog Devices OP177 Datasheet HTML 8Page - Analog Devices OP177 Datasheet HTML 9Page - Analog Devices OP177 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OP177
Data Sheet
Rev. H | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
2
1
0
–1
–2
–10
–5
0
5
10
OUTPUT VOLTAGE (V)
TA = 25°C
VS = ±15V
RL = 10kΩ
Figure 6. Gain Linearity (Input Voltage vs. Output Voltage)
TA = 25°C
100
10
1
0
10
20
30
40
TOTAL SUPPLY VOLTAGE, V+ TO V– (V)
Figure 7. Power Consumption vs. Power Supply
LOT A
LOT B
LOT C
LOT D
5
4
3
2
1
0
–1
–2
–3
–4
–5
0
20
40
60
80
100
120
140
160
180
TIME (Seconds)
Figure 8. Warm-Up VOS Drift (Normalized) Z Package
VS = ±15V
DEVICE IMMERSED IN
70° OIL BATH (20 UNITS)
20
25
30
35
40
45
50
0
10
20
30
40
50
60
70
TIME (Seconds)
Figure 9. Offset Voltage Change Due to Thermal Shock
VS = ±15V
25
20
15
10
5
0
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
Figure 10. Open-Loop Gain vs. Temperature
16
12
8
4
0
0
±5
±10
±15
±20
POWER SUPPLY VOLTAGE (V)
TA = 25°C
RL = 2kΩ
Figure 11. Open-Loop Gain vs. Power Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com