Electronic Components Datasheet Search
  English  ▼

X  

OP177 Datasheet(PDF) 10 Page - Analog Devices

Part # OP177
Description  Ultraprecision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP177 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP177 Datasheet HTML 6Page - Analog Devices OP177 Datasheet HTML 7Page - Analog Devices OP177 Datasheet HTML 8Page - Analog Devices OP177 Datasheet HTML 9Page - Analog Devices OP177 Datasheet HTML 10Page - Analog Devices OP177 Datasheet HTML 11Page - Analog Devices OP177 Datasheet HTML 12Page - Analog Devices OP177 Datasheet HTML 13Page - Analog Devices OP177 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OP177
Data Sheet
Rev. H | Page 10 of 16
PRECISION HIGH GAIN DIFFERENTIAL AMPLIFIER
The high gain, gain linearity, CMRR, and low TCVOS of the
OP177 make it possible to obtain performance not previously
available in single stage, very high gain amplifier applications.
See Figure 28.
For best CMR,
R2
R1
must equal
R4
R3
In this example, with a 10 mV differential signal, the maximum
errors are listed in Table 6.
0.1µF
+15V
R1
1kΩ
R3
1kΩ
R2
1MΩ
0.1µF
–15V
R4
1MΩ
2
3
7
6
4
OP177
–
+
Figure 28. Precision High Gain Differential Amplifier
Table 6. High Gain Differential Amplifier Performance
Type
Amount
Common-Mode Voltage
0.1%/V
Gain Linearity, Worst Case
0.02%
TCVOS
0.0003%/°C
TCIOS
0.008%/°C
ISOLATING LARGE CAPACITIVE LOADS
The circuit shown in Figure 29 reduces maximum slew rate but
allows driving capacitive loads of any size without instability.
Because the 100 Ω resistor is inside the feedback loop, the effect
on output impedance is reduced to insignificance by the high
open loop gain of the OP177.
–
+
OP177
0.1µF
+15V
RS
RF
0.1µF
–15V
2
3
7
6
4
INPUT
100Ω
10pF
CLOAD
OUTPUT
Figure 29. Isolating Capacitive Loads
BILATERAL CURRENT SOURCE
The current sources shown in Figure 30 supply both positive
and negative currents into a grounded load.
Note that
R1
R3
R2
R4
R5
R2
R4
R
Z
O
1
5
and that for ZO to be infinite
R1
R3
must
R2
R4
R5
PRECISION ABSOLUTE VALUE AMPLIFIER
The high gain and low TCVOS assure accurate operation with
inputs from microvolts to volts. In this circuit, the signal always
appears as a common-mode signal to the operational amplifiers
(for details, see Figure 31).
–
+
OP177
R1
100kΩ
R3
1kΩ
2
3
6
VIN
R2
100kΩ
R4
990Ω
R5
10Ω
IOUT ≤ 15mA
–
+
OP177
R1
R3
2
3
6
VIN
R2
R4
R5
IOUT ≤ 100mA
50Ω
+15V
–15V
2N2222
2N2907
IOUT = VIN
R3
R1 × R5
GIVEN R3 = R4 + R5, R1 = R2
BASIC CURRENT SOURCE
100mA CURRENT SOURCE
Figure 30. Bilateral Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com