Electronic Components Datasheet Search
  English  ▼

X  

OP177FPZ Datasheet(PDF) 5 Page - Analog Devices

Part # OP177FPZ
Description  Ultraprecision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP177FPZ Datasheet(HTML) 5 Page - Analog Devices

  OP177FPZ Datasheet HTML 1Page - Analog Devices OP177FPZ Datasheet HTML 2Page - Analog Devices OP177FPZ Datasheet HTML 3Page - Analog Devices OP177FPZ Datasheet HTML 4Page - Analog Devices OP177FPZ Datasheet HTML 5Page - Analog Devices OP177FPZ Datasheet HTML 6Page - Analog Devices OP177FPZ Datasheet HTML 7Page - Analog Devices OP177FPZ Datasheet HTML 8Page - Analog Devices OP177FPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
OP177
Rev. H | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Ratings
Supply Voltage
±22 V
Internal Power Dissipation1
500 mW
Differential Input Voltage
±30 V
Input Voltage
±22 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 60 sec)
300°C
DICE Junction Temperature (TJ)
−65°C to +150°C
1
For supply voltages less than ±22 V, the absolute maximum input voltage is
equal to the supply voltage.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for worst-case mounting conditions, that is, θJA is
specified for device in socket for PDIP; θJA is specified for
device soldered to printed circuit board for SOIC package.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead PDIP (P-Suffix)
103
43
°C/W
8-Lead SOIC (S-Suffix)
158
43
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com