Electronic Components Datasheet Search
  English  ▼

X  

OP177FPZ Datasheet(PDF) 12 Page - Analog Devices

Part # OP177FPZ
Description  Ultraprecision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP177FPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button OP177FPZ Datasheet HTML 8Page - Analog Devices OP177FPZ Datasheet HTML 9Page - Analog Devices OP177FPZ Datasheet HTML 10Page - Analog Devices OP177FPZ Datasheet HTML 11Page - Analog Devices OP177FPZ Datasheet HTML 12Page - Analog Devices OP177FPZ Datasheet HTML 13Page - Analog Devices OP177FPZ Datasheet HTML 14Page - Analog Devices OP177FPZ Datasheet HTML 15Page - Analog Devices OP177FPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
OP177
Data Sheet
Rev. H | Page 12 of 16
PRECISION POSITIVE PEAK DETECTOR
In Figure 32, CH must be polystyrene, Teflon®, or polyethylene
to minimize dielectric absorption and leakage. The droop rate is
determined by the size of CH and the bias current of the AD820.
PRECISION THRESHOLD DETECTOR/AMPLIFIER
In Figure 33, when VIN < VTH, amplifier output swings negative,
reverse biasing diode D1. VOUT = VTH if RL = ∞. When VIN ≥ VTH,
the loop closes.
(
)


+
−
+
=
S
F
TH
IN
TH
OUT
R
R
V
V
V
V
1
CC is selected to smooth the response of the loop.
–
+
OP177
0.1µF
+15V
RS
1kΩ
R1
2kΩ
RF
100kΩ
0.1µF
–15V
2
3
7
6
4
CC
D1
1N4148
VOUT
VTH
VIN
Figure 33. Precision Threshold Detector/Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com