Electronic Components Datasheet Search
  English  ▼

X  

OP467 Datasheet(PDF) 1 Page - Analog Devices

Part # OP467
Description  Quad Precision, High Speed Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467 Datasheet(HTML) 1 Page - Analog Devices

  OP467 Datasheet HTML 1Page - Analog Devices OP467 Datasheet HTML 2Page - Analog Devices OP467 Datasheet HTML 3Page - Analog Devices OP467 Datasheet HTML 4Page - Analog Devices OP467 Datasheet HTML 5Page - Analog Devices OP467 Datasheet HTML 6Page - Analog Devices OP467 Datasheet HTML 7Page - Analog Devices OP467 Datasheet HTML 8Page - Analog Devices OP467 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Quad Precision, High
Speed Operational Amplifier
OP467
Rev.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©
3–20
Analog Devices, Inc. All rights reserved.
FEATURES
High slew rate: 170 V/μs
Wide bandwidth: 28 MHz
Fast settling time: <200 ns to 0.01%
Low offset voltage: <500 μV
Unity-gain stable
Low voltage operation: ±5 V to ±15 V
Low supply current: <10 mA
Drives capacitive loads
APPLICATIONS
High speed image display drivers
High frequency active filters
Fast instrumentation amplifiers
High speed detectors
Integrators
Photo diode preamps
GENERAL DESCRIPTION
The OP467 is a quad, high speed, precision operational
amplifier. It offers the performance of a high speed op amp
combined with the advantages of a precision op amp in a single
package. The OP467 is an ideal choice for applications where,
traditionally, more than one op amp was used to achieve this
level of speed and precision.
The internal compensation of the OP467 ensures stable unity-
gain operation, and it can drive large capacitive loads without
oscillation. With a gain bandwidth product of 28 MHz driving a
30 pF load, output slew rate is 170 V/μs, and settling time to
0.01% in less than 200 ns, the OP467 provides excellent
dynamic accuracy in high speed data acquisition systems. The
channel-to-channel separation is typically 60 dB at 10 MHz.
The dc performance of the OP467 includes less than 0.5 mV of
offset, a voltage noise density below 6 nV/√Hz, and a total
supply current under 10 mA. The common-mode rejection
ratio (CMRR) is typically 85 dB. The power supply rejection
ratio (PSRR) is typically 107 dB. PSRR is maintained to better than
40 dB with input frequencies as high as 1 MHz. The low offset and
drift plus high speed and low noise make the OP467 usable in
applications such as high speed detectors and instrumentation.
The OP467 is specified for operation from ±5 V to ±15 V over
the extended industrial temperature range (−40°C to +85°C)
and is available in a 14-lead PDIP, a 14-lead CERDIP, a 16-lead
SOIC, and a 20-terminal LCC.
Contact your local sales office for the MIL-STD-883 data sheet
and availability.
PIN CONFIGURATIONS
OUT A 1
–IN A 2
+IN A 3
V+
4
OUT D
14
–IN D
+IN D
V–
+IN C
–IN C
OUT C
13
12
11
+IN B
5
10
–IN B
6
9
OUT B 7
8
OP467
+
+
Figure 1. 14-Lead CERDIP (Y Suffix) and 14-Lead PDIP (P Suffix)
OUT A
–IN A
+IN A
V+
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
+IN B
–IN B
OUT B
NC
OP467
1
2
3
4
16
15
14
13
5
12
6
11
7
10
8
9
NC = NO CONNECT
19
20
1
2
3
+IN D
V–
+IN C
NC
NC
OP467
4
5
6
7
8
18
17
16
15
14
13
12
11
10
9
(TOP VIEW)
NC = NO CONNECT
+IN A
V+
+IN B
NC
NC
Figure 2. 16-Lead SOIC (S Suffix)
Figure 3. 20-Terminal LCC (RC Suffix)
–IN
+IN
V+
V–
OUT
Figure 4. Simplified Schematic


Similar Part No. - OP467

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP467 AD-OP467 Datasheet
242Kb / 16P
Quad Precision, High Speed Operational Amplifier
REV.C
OP467 AD-OP467 Datasheet
613Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev. F
OP467ARC/883 AD-OP467ARC/883 Datasheet
242Kb / 16P
Quad Precision, High Speed Operational Amplifier
REV.C
OP467ARC/883C AD-OP467ARC/883C Datasheet
613Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev. F
OP467AY/883 AD-OP467AY/883 Datasheet
242Kb / 16P
Quad Precision, High Speed Operational Amplifier
REV.C
More results

Similar Description - OP467

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM318 NJRC-NJM318 Datasheet
213Kb / 6P
PRECISION HIGH-SPEED OPERATIONAL AMPLIFIER
logo
Analog Devices
OP467 AD-OP467 Datasheet
242Kb / 16P
Quad Precision, High Speed Operational Amplifier
REV.C
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Linear Technology
RH118 LINER-RH118 Datasheet
158Kb / 4P
Precision, High Speed Operational Amplifier
logo
Analog Devices
OP467 AD-OP467_07 Datasheet
613Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev. F
logo
Texas Instruments
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-44 AD-OP-44_15 Datasheet
2Mb / 9P
HIGH SPEED PRECISION OPERATIONAL AMPLIFIER
10/87, Rev. B 1
OP467 AD-OP467_15 Datasheet
488Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev.
logo
Linear Technology
RH118 LINER-RH118_15 Datasheet
103Kb / 4P
Precision, High Speed Operational Amplifier
logo
Texas Instruments
OPA404 TI1-OPA404_15 Datasheet
761Kb / 16P
Quad High-Speed Precision OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com