Electronic Components Datasheet Search
  English  ▼

X  

OP467 Datasheet(PDF) 20 Page - Analog Devices

Part # OP467
Description  Quad Precision, High Speed Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467 Datasheet(HTML) 20 Page - Analog Devices

Back Button OP467 Datasheet HTML 12Page - Analog Devices OP467 Datasheet HTML 13Page - Analog Devices OP467 Datasheet HTML 14Page - Analog Devices OP467 Datasheet HTML 15Page - Analog Devices OP467 Datasheet HTML 16Page - Analog Devices OP467 Datasheet HTML 17Page - Analog Devices OP467 Datasheet HTML 18Page - Analog Devices OP467 Datasheet HTML 19Page - Analog Devices OP467 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
OP467
Rev. I | Page 20 of 20
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-013-AA
10.50 (0.4134)
10.10 (0.3976)
0.30 (0.0118)
0.10 (0.0039)
2.65 (0.1043)
2.35 (0.0925)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
0.75 (0.0295)
0.25 (0.0098)
45°
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
0.33 (0.0130)
0.20 (0.0079)
0.51 (0.0201)
0.31 (0.0122)
SEATING
PLANE
8°
0°
16
9
8
1
1.27 (0.0500)
BSC
Figure 58. 16-Lead Standard Small Outline Package [SOIC_W]
Wide Body (RW-16)
S-Suffix
Dimensions shown in millimeters and (inches)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
1
20
4
9
8
13
19
14
3
18
BOTTOM
VIEW
0.028 (0.71)
0.022 (0.56)
45° TYP
0.015 (0.38)
MIN
0.055 (1.40)
0.045 (1.14)
0.050 (1.27)
BSC
0.075 (1.91)
REF
0.011 (0.28)
0.007 (0.18)
R TYP
0.095 (2.41)
0.075 (1.90)
0.100 (2.54) REF
0.200 (5.08)
REF
0.150 (3.81)
BSC
0.075 (1.91)
REF
0.358 (9.09)
0.342 (8.69)
SQ
0.358
(9.09)
MAX
SQ
0.100 (2.54)
0.064 (1.63)
0.088 (2.24)
0.054 (1.37)
Figure 59. 20-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-20-1) RC-Suffix
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
OP467GP
−40°C to +85°C
14-Lead PDIP
N-14
OP467GPZ
−40°C to +85°C
14-Lead PDIP
N-14
OP467GS
−40°C to +85°C
16-Lead SOIC_W
RW-16
OP467GS-REEL
−40°C to +85°C
16-Lead SOIC_W
RW-16
OP467GSZ
−40°C to +85°C
16-Lead SOIC_W
RW-16
OP467GSZ-REEL
−40°C to +85°C
16-Lead SOIC_W
RW-16
OP467ARC/883C
−55°C to +125°C
20-Terminal LCC
E-20-1
OP467AY/883C
−55°C to +125°C
14-Lead CERDIP
Q-14
OP467GBC
Die
1 Z = RoHS Compliant Part.
©1993–2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00302-0-4/10(I)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com