Electronic Components Datasheet Search
  English  ▼

X  

OP495GP Datasheet(PDF) 6 Page - Analog Devices

Part # OP495GP
Description  Dual/Quad Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP495GP Datasheet(HTML) 6 Page - Analog Devices

Back Button OP495GP Datasheet HTML 2Page - Analog Devices OP495GP Datasheet HTML 3Page - Analog Devices OP495GP Datasheet HTML 4Page - Analog Devices OP495GP Datasheet HTML 5Page - Analog Devices OP495GP Datasheet HTML 6Page - Analog Devices OP495GP Datasheet HTML 7Page - Analog Devices OP495GP Datasheet HTML 8Page - Analog Devices OP495GP Datasheet HTML 9Page - Analog Devices OP495GP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OP295/OP495
Rev. G | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
140
20
100
80
40
–25
60
–50
120
100
75
50
25
0
TEMPERATURE (°C)
VS = 36V
VS =5V
VS =3V
Figure 5. Supply Current Per Amplifier vs. Temperature
15.2
–15.2
100
–14.6
–15.0
–25
–14.8
–50
14.2
–14.4
14.4
14.6
14.8
15.0
75
50
25
0
VS = ±15V
RL = 100kΩ
RL = 10kΩ
RL =2kΩ
RL = 100kΩ
RL =2kΩ
TEMPERATURE (°C)
RL = 10kΩ
Figure 6. Output Voltage Swing vs. Temperature
3.1
2.5
100
2.8
2.6
–25
2.7
–50
3.0
2.9
75
50
25
0
TEMPERATURE (°C)
VS =3V
RL =2kΩ
RL = 10kΩ
RL = 100kΩ
Figure 7. Output Voltage Swing vs. Temperature
200
0
250
50
25
–200
–250
100
75
125
150
175
200
150
100
50
0
–50
–100
–150
INPUT OFFSET VOLTAGE (µV)
VS =5V
TA = 25°C
BASED ON 600 OP AMPS
Figure 8. OP295 Input Offset (VOS) Distribution
250
0
3.2
75
25
0.4
50
0
150
100
125
175
200
225
2.8
2.4
2.0
1.6
1.2
0.8
TCVOS (µV/°C)
VS =5V
–40°C ≤ TA ≤ +85°C
BASED ON 600 OP AMPS
Figure 9. OP295 TCVOS Distribution
5.1
4.5
100
4.8
4.6
–25
4.7
–50
5.0
4.9
75
50
25
0
VS =5V
TEMPERATURE (°C)
RL = 100kΩ
RL =10kΩ
RL =2kΩ
Figure 10. Output Voltage Swing vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com