Electronic Components Datasheet Search
  English  ▼

X  

OP495GP Datasheet(PDF) 7 Page - Analog Devices

Part # OP495GP
Description  Dual/Quad Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP495GP Datasheet(HTML) 7 Page - Analog Devices

Back Button OP495GP Datasheet HTML 3Page - Analog Devices OP495GP Datasheet HTML 4Page - Analog Devices OP495GP Datasheet HTML 5Page - Analog Devices OP495GP Datasheet HTML 6Page - Analog Devices OP495GP Datasheet HTML 7Page - Analog Devices OP495GP Datasheet HTML 8Page - Analog Devices OP495GP Datasheet HTML 9Page - Analog Devices OP495GP Datasheet HTML 10Page - Analog Devices OP495GP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OP295/OP495
Rev. G | Page 7 of 16
500
0
300
150
50
–50
100
–100
300
200
250
350
400
450
250
200
150
100
50
0
VS =5V
TA =25°C
BASED ON 1200 OP AMPS
INPUT OFFSET VOLTAGE (µV)
Figure 11. OP495 Input Offset (VOS) Distribution
450
400
350
300
250
200
150
100
50
500
0
3.2
0.4
02
2.4
2.0
1.6
1.2
0.8
.8
TCVOS (µV/°C)
VS =5V
–40°C ≤ TA ≤ +85°C
BASED ON 1200 OP AMPS
Figure 12. OP495 TCVOS Distribution
20
0
100
12
4
–25
8
–50
16
75
50
25
0
TEMPERATURE (°C)
VS =5V
Figure 13. Input Bias Current vs. Temperature
TEMPERATURE (°C)
40
0
100
10
5
–25
–50
20
15
25
30
35
75
50
25
0
VS = ±15V
VS =+5V
SOURCE
SINK
SOURCE
SINK
Figure 14. Output Current vs. Temperature
100
10
1
TEMPERATURE (°C)
VS = ±15V
VO = ±10V
RL =2kΩ
RL = 10kΩ
RL = 100kΩ
–50
–25
0
25
50
75
100
Figure 15. Open-Loop Gain vs. Temperature
12
0
100
6
2
–25
4
–50
10
8
75
50
25
0
VS =5V
VO =4V
RL =2kΩ
RL =10kΩ
RL =100kΩ
TEMPERATURE (°C)
Figure 16. Open-Loop Gain vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com