Electronic Components Datasheet Search
  English  ▼

X  

ECCCT23 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ECCCT23
Description  Timers Asymmetrical Multi Recycler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ECCCT23 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ECCCT23 Datasheet HTML 1Page - List of Unclassifed Manufacturers ECCCT23 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice (27.12.99)
ECC
General Specifications
EMC
Electromagnetic
Compatibility
Immunity
acc. to IEC 60801-4
acc. to IEC 60801-5
Power ON delay
≤ 300 ms
Power OFF delay
≥ 200 ms
Indication for
Power supply ON
LED, green
Output ON
LED, yellow
Environment
Degree of protection
IP 20
Pollution degree
3
Operating temperature
-10° to +50°C (-14° to +122°F)
Storage temperature
-50° to +85°C (-58° to +185°F)
Weight
200 g
Screw terminals
Tightening torque
Max. 0.5 Nm acc. to IEC 60947
Approvals
UL, CSA
CE-marking
Yes
Supply Specifications
Power supply AC types
Overvoltage cat. III (IEC 60664)
Rated operational voltage
(IEC 60038)
through term. A1 & A2 T23
115-230 VAC, -10/+15%
frequency
50/60 Hz, -5/+5 Hz
through term. A2 & A3 T23
24 VAC/DC, -10/+15%
frequency
50/60 Hz, -5/+5 Hz
Voltage interruption
≤ 40 ms
Dielectric voltage
none
Rated impulse withstand
voltage
A1 & A2
4 kV (1.2/50 µs)
A2 & A3
800 V (1.2/50 µs)
Rated operational current
25 mA @ 24 VDC
40 mA @ 24 VAC
30 mA @ 115 VAC
60 mA @ 230 VAC
Mode of Operation
No connections between
Y1-Y2-Y3
OFF-time period first
The time period begins when
power supply is applied. At
the end of the first time period
(T1), the relay operates.
When the second time peri-
od (T2) has expired, the relay
releases.
This sequence continues until
power supply is interrupted
for at least 200 ms.
Connection between
Y1-Y3
ON-time period first
The relay operates and the
time
period
begins
when
power supply is applied. At
the end of the first time period
(T1), the relay releases.
When the second time period
(T2) has expired, the relay op-
erates.
This sequence continues until
power supply is interrupted
for at least 200 ms.
Connection between
Y2-Y3
One shot time function
The time period begins when
power supply is applied. At
the end of the first time period
(T1), the relay operates.
When the second time period
(T2) has expired, the relay re-
leases.
The relay will stay OFF until
power supply is interrupted
for at least 200 ms, and the
sequence will be repeated.
Wiring Diagram
µ
L
N
Y
x/Ax
Time Setting
Selection of time range (T1)
Upper knob:
10-position rotary switch.
Time setting (T1)
2nd upper knob:
Knob-adjustable on relative
scale 1-10.
Selection of time range (T2)
2nd lower knob:
10-position rotary switch.
Time setting (T2)
Lower knob:
Knob-adjustable on relative
scale 1-10.
24 V
~
115-230 V
~
Operation Diagram
Power supply
Y1-Y2-Y3 not conn. Relay ON
Y1-Y3 conn. Relay ON
Y2-Y3 conn. Relay ON



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com