Electronic Components Datasheet Search
  English  ▼

X  

ECCCT23 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ECCCT23
Description  Timers Asymmetrical Multi Recycler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ECCCT23 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ECCCT23 Datasheet HTML 1Page - List of Unclassifed Manufacturers ECCCT23 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (27.12.99)
1
Asymmetrical Multi Recycler
• Microprocessor - based quartz timer
• Triple function timer
• Asymmetrical recycler (ON or OFF first)
• One shot time function
• Time range 0.1 s to 100 h
• Automatic start (ON or OFF time first)
• Separately knob adjustable time setting for T1 & T2
• Separately knob selection of time range for T1 & T2
• Repeatability deviation:
≤ 0.5%
• Output: 5A SPDT
• For mounting on DIN-rail in accordance with
DIN/EN 50 022
• 22.5 mm Euronorm housing
• LED-indication for relay and power supply ON
• Combined AC and DC power supply
Ordering Key
Housing
Function
Type
Output
Power supply
Triple-function timer, combi-
ned asymmetrical recycler
and one shot time function
with individual selection of ti-
me ranges (T1 & T2) from 0.1 s
to 100 h. For mounting on DIN-
rail. For use in many different
applications eg. lubricating
machines or switching on and
off electrical loads.
Product Description
Type Selection
Mounting
Output
Supply: 24 VAC/DC & 115-230 VAC
For DIN-rail
SPDT
ECC C T23
Time Specifications
Time ranges
T1 & T2
(individually adjustable)
Selectable by rotary switches 0.1 -
1 s
1
- 10 s
10
- 100 s
0.1 -
1 m
1
- 10 m
10
- 100 m
0.1 -
1 h
1 - 10 h
10
- 100 h
Accuracy
Time range accuracy
≤ 5%
Repeatability deviation
≤ 0.5%
Time variation
Within rated ambient
temperature
≤ 0.05%/°C
Reset
Time and relay
Power supply interruption
≥ 200 ms
Output Specifications
Output
SPDT relay
Rated insulation voltage
250 VAC (contact/elect.)
Contact ratings (AgCdO)
µ (micro gap)
Resistive loads
AC 1
5 A, 250 VAC
DC 1
5 A, 24 VDC
Small inductive loads AC 15
2 A, 250 VAC
DC 13
3 A, 24 VDC
Mechanical life
≥ 40 x 106 operations
Electrical life
≥ 105 operations
(at max. load)
Operating frequency
≤ 7200 operations/h
Dielectric strength
Dielectric voltage
2 kVAC (rms)
Rated impulse withstand volt. 4 kV (1.2/50 µs)
Type ECC
Timers
ECC C T23


Similar Part No. - ECCCT23

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECC XPPOWER-ECC Datasheet
318Kb / 2P
100 W - Baseplate Cooled
logo
NXP Semiconductors
ECC 82 PHILIPS-ECC 82 Datasheet
498Kb / 11P
Double Triode 1954
ECC 83 PHILIPS-ECC 83 Datasheet
466Kb / 11P
Double Triode
11.11.1954
logo
Ecliptek Corporation
ECC-20-30.000M-GA ECLIPTEK-ECC-20-30.000M-GA Datasheet
109Kb / 3P
CRYSTAL
ECC-20-30.000M-GTR ECLIPTEK-ECC-20-30.000M-GTR Datasheet
109Kb / 3P
CRYSTAL
More results

Similar Description - ECCCT23

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7216A INTERSIL-ICM7216A Datasheet
141Kb / 17P
8-Digit, Multi-Function, Frequency Counters/Timers
August 1997
ICM7216B INTERSIL-ICM7216B_04 Datasheet
458Kb / 18P
8-Digit, Multi-Function, Frequency Counters/Timers
January 2004
logo
List of Unclassifed Man...
A109156120H ETC2-A109156120H Datasheet
71Kb / 2P
Timers Multi-function
C101024006 ETC2-C101024006 Datasheet
71Kb / 3P
Timers Symmetrical Recycler
DCB01CM24 ETC2-DCB01CM24 Datasheet
110Kb / 3P
Timers Asymmetrical Recycler
ECSSM23A10M ETC2-ECSSM23A10M Datasheet
64Kb / 2P
Timers Symmetrical Recycler
logo
Omron Electronics LLC
H3CR-AAC100240DC100125 OMRON-H3CR-AAC100240DC100125 Datasheet
3Mb / 22P
Solid-state Multi-functional Timers H3CR-A
logo
Renesas Technology Corp
ICM7216B RENESAS-ICM7216B Datasheet
808Kb / 18P
8-Digit, Multi-Function, Frequency Counters/Timers
logo
Carlo Gavazzi Holding A...
DCB01 CARLOGAVAZZI-DCB01 Datasheet
112Kb / 3P
Timers Asymmetrical Recycler
ECSSM23A10SF CARLOGAVAZZI-ECSSM23A10SF Datasheet
114Kb / 2P
Timers Symmetrical Recycler Type ECS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com