Electronic Components Datasheet Search
  English  ▼

X  

TSA5059ATS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TSA5059ATS
Description  2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5059ATS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TSA5059ATS Datasheet HTML 5Page - NXP Semiconductors TSA5059ATS Datasheet HTML 6Page - NXP Semiconductors TSA5059ATS Datasheet HTML 7Page - NXP Semiconductors TSA5059ATS Datasheet HTML 8Page - NXP Semiconductors TSA5059ATS Datasheet HTML 9Page - NXP Semiconductors TSA5059ATS Datasheet HTML 10Page - NXP Semiconductors TSA5059ATS Datasheet HTML 11Page - NXP Semiconductors TSA5059ATS Datasheet HTML 12Page - NXP Semiconductors TSA5059ATS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
2000 Oct 24
9
Philips Semiconductors
Product specification
2.7 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5059A
Reference divider ratio
The reference divider ratio is set by 4 bits in the WRITE
mode, giving 16 different ratios which allow to adjust the
comparison frequency to different values, depending on
the compromise which has to be found between step size
and phase noise.
Table 8 shows the different dividing ratios and the
corresponding comparison frequencies and step size,
assuming the device is provided with a 4 MHz signal at
pin XTAL.
Table 8
Reference dividing ratios
Note
1. Only valid when the IC is used with a 4 MHz crystal.
Charge pump current
The charge pump current can be chosen from 4 different values depending on the value of bits C1 and C0 in the I2C-bus
byte 4 according to Table 9.
Table 9
Charge pump current
R3
R2
R1
R0
RATIO
COMPARISON
FREQUENCY(1)
STEP
BIT PE = 0(1)
BIT PE = 1(1)
000022 MHz
2 MHz
4 MHz
000141 MHz
1 MHz
2 MHz
00108500 kHz
500 kHz
1 MHz
001116
250 kHz
250 kHz
500 kHz
010032
125 kHz
125 kHz
250 kHz
010164
62.5 kHz
62.5 kHz
125 kHz
0110128
31.25 kHz
31.25 kHz
62.5 kHz
0111256
15.625 kHz
15.625 kHz
31.25 kHz
100024
166.67 kHz
166.67 kHz
333.33 kHz
10015800 kHz
800 kHz
1.6 MHz
101010
400 kHz
400 kHz
800 kHz
101120
200 kHz
200 kHz
400 kHz
110040
100 kHz
100 kHz
200 kHz
110180
50 kHz
50 kHz
100 kHz
1110160
25 kHz
25 kHz
50 kHz
1111320
12.5 kHz
12.5 kHz
25 kHz
C1
C0
Icp (µA) (absolute value)
MIN.
TYP.
MAX.
0
0
100
135
170
0
1
210
280
350
1
0
450
600
750
1
1
920
1230
1540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com