Electronic Components Datasheet Search
  English  ▼

X  

TSA5060ATS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TSA5060ATS
Description  1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5060ATS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TSA5060ATS Datasheet HTML 6Page - NXP Semiconductors TSA5060ATS Datasheet HTML 7Page - NXP Semiconductors TSA5060ATS Datasheet HTML 8Page - NXP Semiconductors TSA5060ATS Datasheet HTML 9Page - NXP Semiconductors TSA5060ATS Datasheet HTML 10Page - NXP Semiconductors TSA5060ATS Datasheet HTML 11Page - NXP Semiconductors TSA5060ATS Datasheet HTML 12Page - NXP Semiconductors TSA5060ATS Datasheet HTML 13Page - NXP Semiconductors TSA5060ATS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2000 Oct 24
10
Philips Semiconductors
Product specification
1.3 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5060A
XT/COMP frequency output
It is possible to output either the crystal or the comparison
frequency at pin XT/COMP to be used in the application.
For example, to drive a second PLL synthesizer saving a
quartz crystal. To output fxtal it is necessary to set bit XCE
to logic 1 and bit XCS to logic 0, or bit XCE to logic 0 and
bit XCS to logic 1 during a test mode, while to output fcomp
it is necessary to set both bits XCE and XCS to logic 1.
If the output signal at this pin is not used it is recommended
to disable it by setting both bits XCE and XCS to logic 0.
Table 10 shows how this pin is programmed. At power-on,
the XT/COMP output is set with the fxtal signal selected.
Prescaler enable
The TSA5060A is able to work with the relationship
fcomp = step size for an input frequency up to 1.3 GHz,
covering the complete terrestrial and cable frequency
range.
If needed, the prescaler can be selected by setting bit PE
to logic 1 while it is not in use if bit PE is set to logic 0.
If it is important to reach a low phase noise on the
controlled VCO, it is recommended to set bit PE to logic 0
and not to use the prescaler allowing the comparison
frequency to be equal to the step size.
Test modes
It is possible to access the test modes by setting bit XCE
to logic 0 and bit XCS to logic 1. One specific test mode is
then selected using bits T2, T1 and T0, as described in
Table 10.
Table 10 XT/COMP and test mode selection; note 1
Notes
1. X = don’t care.
2. Status at Power-on reset.
XCE
XCS
T2
T1
T0
XT/COMP OUTPUT
TEST MODE
0
0
X
X
X
disabled
normal operation
1
0
XXX
fxtal
normal operation
1
1
XXX
fcomp
normal operation
01000
fxtal
test operation: charge pump sink;
status byte bit FL = 1
01001
fxtal
test operation: charge pump source;
status byte bit FL = 0
01010
fxtal
test operation: charge pump disabled;
status byte bit FL = 0
01011
fxtal
test operation: 1
⁄2fDIV switched to Port P0
011
X
X
fxtal
test operation: drive voltage (pin DRIVE)
is off (high-impedance); note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com